Electronic Components Datasheet Search
  English  ▼

X  

AP2402 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2402
Description  DUAL 300mA LDO REGULATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2402 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2402 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
Oct. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
DUAL 300mA LDO REGULATORS
AP2402
Figure 28. Quiescent Current vs. Input Voltage
Figure 29. Quiescent Current vs. Input Voltage
Typical Performance Characteristics (Continued)
0
1234
56
0
15
30
45
60
75
90
Input Voltage (V)
2.5V Channel
No Load
T
C=-40
oC
T
C=25
oC
T
C=85
oC
012
34
56
0
15
30
45
60
75
90
Input Voltage (V)
1.8V Channel
No Load
T
C=-40
oC
T
C=25
oC
T
C=85
oC
Figure 30. Quiescent Current vs. Input Voltage
012
3456
0
15
30
45
60
75
90
Input Voltage (V)
2.8V Channel
No Load
T
C=-40
oC
T
C=25
oC
T
C=85
oC
Figure 31. Quiescent Current vs. Case Temperature
-30
-15
0
153045
6075
40
41
42
43
44
45
46
47
48
49
50
Case Temperature (
oC)
1.8V Channel
V
IN=2.8V
No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com