Electronic Components Datasheet Search
  English  ▼

X  

NTGS3136P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTGS3136P
Description  Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3136P Datasheet(HTML) 2 Page - ON Semiconductor

  NTGS3136P Datasheet HTML 1Page - ON Semiconductor NTGS3136P Datasheet HTML 2Page - ON Semiconductor NTGS3136P Datasheet HTML 3Page - ON Semiconductor NTGS3136P Datasheet HTML 4Page - ON Semiconductor NTGS3136P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTGS3136P
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction-to-Ambient – Steady State (Note 3)
RqJA
100
°C/W
Junction-to-Ambient – t = 5 s (Note 3)
RqJA
77
Junction-to-Ambient – Steady State (Note 4)
RqJA
185
3. Surface-mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces)
4. Surface-mounted on FR4 board using the minimum recommended pad size (Cu area = 0.0775 in sq).
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = -250 mA
-20
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = -250
mA, Reference 25°C
-13
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = -20 V
TJ = 25°C
-1.0
mA
TJ = 85°C
-5.0
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±8.0 V
$0.1
mA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = -250 mA
-0.4
-1.0
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
3
mV/
°C
Drain-to-Source On Resistance
RDS(on)
VGS = -4.5 V, ID = -5.1 A
25
33
m
W
VGS = -2.5 V, ID = -4.5 A
32
40
VGS = -1.8 V, ID = -2.5 A
41
51
Forward Transconductance
gFS
VDS = -5.0 V, ID = -5.1 A
22
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = -10 V
1901
pF
Output Capacitance
COSS
274
Reverse Transfer Capacitance
CRSS
175
Total Gate Charge
QG(TOT)
VGS = -4.5 V, VDS = -10 V;
ID = -5.1 A
18
29
nC
Threshold Gate Charge
QG(TH)
0.7
Gate-to-Source Charge
QGS
2.4
Gate-to-Drain Charge
QGD
4.3
Gate Resistance
RG
7.6
W
SWITCHING CHARACTERISTICS (Note 6)
Turn-On Delay Time
td(ON)
VGS = *4.5 V, VDD = -10 V,
ID = -1.0 A, RG = 6.0 W
9
19
ns
Rise Time
Tr
9
19
Turn-Of f Delay Time
td(OFF)
99
160
Fall Time
Tf
48
79
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = -1.7 A
TJ = 25°C
-0.7
-1.2
V
TJ = 125°C
-0.6
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = -1.7 A
37
60
ns
5. Pulse Test: pulse width
v 300 ms, duty cycle v 2%
6. Switching characteristics are independent of operating junction temperatures



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com