Electronic Components Datasheet Search
  English  ▼

X  

LMC555CM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC555CM
Description  CMOS Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC555CM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC555CM Datasheet HTML 1Page - National Semiconductor (TI) LMC555CM Datasheet HTML 2Page - National Semiconductor (TI) LMC555CM Datasheet HTML 3Page - National Semiconductor (TI) LMC555CM Datasheet HTML 4Page - National Semiconductor (TI) LMC555CM Datasheet HTML 5Page - National Semiconductor (TI) LMC555CM Datasheet HTML 6Page - National Semiconductor (TI) LMC555CM Datasheet HTML 7Page - National Semiconductor (TI) LMC555CM Datasheet HTML 8Page - National Semiconductor (TI) LMC555CM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Application Information
MONOSTABLE OPERATION
In this mode of operation, the timer functions as a one-shot
(Figure 1). The external capacitor is initially held discharged
by internal circuitry. Upon application of a negative trigger
pulse of less than 1/3 V
S to the Trigger terminal, the flip-flop
is set which both releases the short circuit across the capaci-
tor and drives the output high.
The voltage across the capacitor then increases exponen-
tially for a period of t
H = 1.1 RAC, which is also the time that
the output stays high, at the end of which time the voltage
equals 2/3 V
S. The comparator then resets the flip-flop which
in turn discharges the capacitor and drives the output to its
low state. Figure 2 shows the waveforms generated in this
mode of operation. Since the charge and the threshold level
of the comparator are both directly proportional to supply
voltage, the timing internal is independent of supply.
Reset overrides Trigger, which can override threshold.
Therefore the trigger pulse must be shorter than the desired
t
H. The minimum pulse width for the Trigger is 20ns, and it is
400ns for the Reset. During the timing cycle when the output
is high, the further application of a trigger pulse will not effect
the circuit so long as the trigger input is returned high at least
10µs before the end of the timing interval. However the
circuit can be reset during this time by the application of a
negative pulse to the reset terminal. The output will then
remain in the low state until a trigger pulse is again applied.
When the reset function is not use, it is recommended that it
be connected to V
+ to avoid any possibility of false triggering.
Figure 3 is a nomograph for easy determination of RC values
for various time delays.
Note: In monstable operation, the trigger should be driven high before the
end of timing cycle.
ASTABLE OPERATION
If the circuit is connected as shown in Figure 4 (Trigger and
Threshold terminals connected together) it will trigger itself
and free run as a multivibrator. The external capacitor
charges through R
A +RB and discharges through RB. Thus
the duty cycle may be precisely set by the ratio of these two
resistors.
In this mode of operation, the capacitor charges and dis-
charges between 1/3 V
S and 2/3 VS. As in the triggered
mode, the charge and discharge times, and therefore the
frequency are independent of the supply voltage.
Figure 5 shows the waveform generated in this mode of
operation.
00866904
FIGURE 1. Monostable (One-Shot)
00866910
VCC = 5V
Top Trace: Input 5 V/Div.
TIME = 0.1 ms/Div.
Middle Trace: Output 5 V/Div.
RA = 9.1 kΩ
Bottom Trace: Capacitor Voltage 2 V/Div.
C = 0.01 µF
FIGURE 2. Monostable Waveforms
00866911
FIGURE 3. Time Delay
00866905
FIGURE 4. Astable (Variable Duty Cycle Oscillator)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com