Electronic Components Datasheet Search
  English  ▼

X  

LMC555CMX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC555CMX
Description  CMOS Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC555CMX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMC555CMX Datasheet HTML 3Page - National Semiconductor (TI) LMC555CMX Datasheet HTML 4Page - National Semiconductor (TI) LMC555CMX Datasheet HTML 5Page - National Semiconductor (TI) LMC555CMX Datasheet HTML 6Page - National Semiconductor (TI) LMC555CMX Datasheet HTML 7Page - National Semiconductor (TI) LMC555CMX Datasheet HTML 8Page - National Semiconductor (TI) LMC555CMX Datasheet HTML 9Page - National Semiconductor (TI) LMC555CMX Datasheet HTML 10Page - National Semiconductor (TI) LMC555CMX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Information (Continued)
PULSE POSITION MODULATOR
This application uses the timer connected for astable opera-
tion, as in Figure 10, with a modulating signal again applied
to the control voltage terminal. The pulse position varies with
the modulating signal, since the threshold voltage and hence
the time delay is varied. Figure 11 shows the waveforms
generated for a triangle wave modulation signal.
50% DUTY CYCLE OSCILLATOR
The frequency of oscillation is
f = 1/(1.4 R
CC)
micro SMD Marking Orientation
Top View
00866923
Bumps are numbered counter-clockwise
00866915
VCC = 5V
Top Trace: Modulation 1 V/Div.
TIME = 0.2 ms/Div.
Bottom Trace: Output Voltage 2 V/Div.
RA = 9.1 kΩ
C = 0.01 µF
FIGURE 9. Pulse Width Modulator Waveforms
00866921
FIGURE 10. Pulse Position Modulator
00866916
VCC = 5V
Top Trace: Modulation Input 1 V/Div.
TIME = 0.1 ms/Div.
Bottom Trace: Output Voltage 2 V/Div.
RA = 3.9 kΩ
RB =3kΩ
C = 0.01 µF
FIGURE 11. Pulse Position Modulator Waveforms
00866906
FIGURE 12. 50% Duty Cycle Oscillator
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com