Electronic Components Datasheet Search
  English  ▼

X  

BO2002A Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BO2002A
Description  COG package 5x7 dot with cursor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BO2002A Datasheet(HTML) 1 Page - Bolymin, Inc

  BO2002A Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BO2002A
Feature
Mechanical Data
Item
Module
Dimension
Viewing Area
Dot Size
Dot Pitch
Standard Value Unit
Pin Assignment
Electronic Characteristics
mm
mm
mm
mm
89.0 x 30.0
85.0 x 18.6
0.60 x 0.65
3.20 x 5.55
Dimension
BO LYM IN
1. COG package
2. 5x7 dot with cursor
3. Built-in controller ST7036i
4. +3V single power supply
5. 1/16 duty cycle
6. I2C series interface
Input Voltage
Supply Current
LCD Driving
Voltage
Vdd
Idd
VLCD
Vdd = +3.0V
25 C
3.0
0.5
4.5
V
mA
V
Typical
Value
o
Item
Symbol Condition
Unit
Vdd = +3.0V
Pin
Symbol
Function
1
2
3
4
5
DC-DC voltage converter ,Connect a capacitor
between this terminal And VIN when the
built-in booster is used.
Power supply
VOUT
CAP-
CAP+
VDD
VSS
SDA
7
SCL
Serial data input
8
RST
For voltage booster circuit(VDD-VSS)
Serial clock input
External reset pin
GND
6
External capacitor about 0.1uf to 4.7uf
P1.0*7=7.0
9.0
0.3±0.05
Dots size
Scale 5/1
1
8
Contact side
Stiffener
73.5(AA)
85.0(VA)
89.0±0.3(LCD)
7.75
2.0
41.0
0.7
0.7
1.9(LCD)
0.6
0.65
3.2
3.7
1.15


Similar Part No. - BO2002A

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BO2002A BOLYMIN-BO2002A_17 Datasheet
521Kb / 1P
COG package
More results

Similar Description - BO2002A

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BC1602B3 BOLYMIN-BC1602B3 Datasheet
141Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602G BOLYMIN-BC1602G Datasheet
82Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2004A20 BOLYMIN-BC2004A20 Datasheet
115Kb / 1P
COB with metal frame 5x7 dots with cursor
BO1602B BOLYMIN-BO1602B Datasheet
182Kb / 1P
COG package 5x7 dots with cursor, with icons
BC1602L BOLYMIN-BC1602L Datasheet
366Kb / 1P
COB with metal frame 5x7 dot with cursor
BO1602D BOLYMIN-BO1602D Datasheet
199Kb / 1P
COG package 5x7 dots with cursor, with icons
BO1602E BOLYMIN-BO1602E Datasheet
208Kb / 1P
COG package 5x7 dot with cursor
BO2002B BOLYMIN-BO2002B Datasheet
167Kb / 1P
COG package 5x7 dot with cursor
BC1601B BOLYMIN-BC1601B Datasheet
94Kb / 1P
COB with metal frame 5x7 dots with cursor
logo
DB Lectro Inc
WH2001B DBLECTRO-WH2001B Datasheet
409Kb / 2P
5x7 dots includes cursor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com