Electronic Components Datasheet Search
  English  ▼

X  

BO9864B Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BO9864B
Description  FSTN Transflective LCD, COG package Built-in driver ST7548i, serial I2C data bus
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BO9864B Datasheet(HTML) 1 Page - Bolymin, Inc

  BO9864B Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BO9864B
Feature
Mechanical Data
Item
LCD Dimension
Viewing Area
Dot Size
Dot Pitch
Standard Value Unit
Pin Assignment
Pin Symbol
Function
1
2
3
4
5
6
LCD power supply
Logic power GND
Logic power GND
I2C bus serial clock signal input
I2C bus data line
Device reset signal
Vlcd
Vss1
Vss2
SCL
SDA
RES
Input Voltage
Supply Current
LCD Driving
Voltage
Vdd
Idd
Vlcd-Vss
Vdd = +3V
Vdd = +3V
25 C
3.0
0.2
11.9
V
mA
V
Typical
Value
Electronic Characteristics
mm
mm
mm
mm
34.0 x 34.0
31.0 x 22.5
0.26 x 0.31
0.28 x 0.33
Dimension
BO LYM IN
1. FSTN Transflective LCD, COG package
2. Built-in driver ST7548i, serial I2C data bus
3. 1/64 duty cycle
4. +3V power supply
5. With FPC and ZIF connector
o
Item
Symbol Condition
Unit
7
8
Logic power V+
Logic power V+
Vdd2
Vdd1
6. Option: EL Backlight, LED Backlight
34.0 0.3LCD
31.0 0.3(VA)
R5.0
P0.5x7=3.5
4.5 0.1
8
1
Conduct side
Contact side
0.3 0.05
0.26
0.28
A Block
1.5
28.0
17.5
0.8max
2*0.55=1.1
1.65
27.42(AA)
3.29
ST7548
98*64 Dots


Similar Part No. - BO9864B

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BO9864B BOLYMIN-BO9864B_17 Datasheet
474Kb / 1P
COG package
More results

Similar Description - BO9864B

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BF9864A BOLYMIN-BF9864A Datasheet
160Kb / 1P
FSTN Transflective LCD, COF package Built-in driver PCF8548, serial I2C data bus
BF128128A BOLYMIN-BF128128A Datasheet
176Kb / 1P
FSTN Transflective LCD, COF package Built-in driver HD66750
BO6464A BOLYMIN-BO6464A Datasheet
159Kb / 1P
FSTN Transflective LCD, COG package Built-in driver PCF8548, serial I2C data bus
BP9632A BOLYMIN-BP9632A Datasheet
154Kb / 1P
FSTN Transflective LCD, TAB IC, TCP package Built-in controller SED1530Taa
BP160160B BOLYMIN-BP160160B Datasheet
155Kb / 1P
FSTN LCD, TAB IC, TCP package Built-in controller SED1335
BO320240B BOLYMIN-BO320240B Datasheet
193Kb / 1P
COG package LCD driver only
BO128128C BOLYMIN-BO128128C Datasheet
146Kb / 1P
COG package Built-in controller ST7528
BF128128E BOLYMIN-BF128128E Datasheet
116Kb / 1P
FSTN Transflective LCD, COF package Built-in driver HD66750
BP9632B BOLYMIN-BP9632B Datasheet
391Kb / 1P
FSTN Transflective LCD, TAB IC, TCP package
BO9864A BOLYMIN-BO9864A Datasheet
266Kb / 1P
FSTN LCD, COG Package Bulit-in controller SSD1815
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com