Electronic Components Datasheet Search
  English  ▼

X  

BC2004B Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BC2004B
Description  COB with metal frame 5x7 dots with cursor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BC2004B Datasheet(HTML) 1 Page - Bolymin, Inc

  BC2004B Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC2004B
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Character Size
Standard Value Unit
mm
mm
mm
mm
146.0 x 62.5
123.5 x 43.0
0.92 x 1.1
4.84 x 9.22
Dimension
BO LYM IN
1. COB with metal frame
2. 5x7 dots with cursor
3. Built-in controller KS0066 or equivalent
4. + 5V single power supply
5. 1/16 duty cycle
6. LED B/L pins: 15/16, or A/K, or 1/2
7. Option: LED, EL B/L
8. Option: +3V single power supply
Input Voltage
Supply Current
LCD Driving
Voltage
LED Forward
Voltage
LED Forward
Current
Vdd
Idd
Vdd-Vo
Vf
If
Vdd = +5V
Vdd = +5V
25 C
5.0
1.5
4.2
4.2
540
V
mA
V
V
mA
Typical
Value
Electronic Characteristics
o
25 C
o
25 C
o
Item
Symbol Condition
Unit
EL Power
Voltage
Vel
Vel=110Vac/400Hz
V
Pin Assignment
Pin
Symbol
Function
1
2
3
4
5
6
7~14
GND
+5V(+3V option)
Contrast adjustment
H/L register select signal
H/L read/write signal
H --> L enable signal
H/L data bus line
Vss
Vdd
Vo
RS
R/W
E
DB0~7
15
16
17
18
Power supply for B/L (+)
Power supply for B/L (GND)
NC/ Negative voltage output
No connection
A
K
NC/Vee
NC
6.0
4.84
0 98
146.0
±0.5
139.0
123.5(VA)
118.84(AA
A
A )
P2.54*17=43.18
18.0
18-Ø1.0 PTH
2.0
6
4-Ø2.5 PTH
13.6Max
9.0
13.58
11.25
73.00
18
134.0
DOT SIZE
SCALE 4/1
4-Ø5.0 PTH
6.0
LED B/L


Similar Part No. - BC2004B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC2004B ETC1-BC2004B Datasheet
83Kb / 1P
LED B/L pins 15/16, or A/K, or 1/2
logo
Bolymin, Inc
BC2004B BOLYMIN-BC2004B_17 Datasheet
529Kb / 1P
COB with metal Frame
More results

Similar Description - BC2004B

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BC1602B3 BOLYMIN-BC1602B3 Datasheet
141Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602G BOLYMIN-BC1602G Datasheet
82Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2002A20 BOLYMIN-BC2002A20 Datasheet
83Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2004A20 BOLYMIN-BC2004A20 Datasheet
115Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2004A BOLYMIN-BC2004A Datasheet
344Kb / 1P
COB with metal frame 5x7 dots with cursor
BC0802B BOLYMIN-BC0802B Datasheet
227Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1601B BOLYMIN-BC1601B Datasheet
94Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602A20C BOLYMIN-BC1602A20C Datasheet
128Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602B2 BOLYMIN-BC1602B2 Datasheet
1Mb / 1P
COB with metal frame 5x7 dots with cursor
BC2002A20C BOLYMIN-BC2002A20C Datasheet
112Kb / 1P
COB with metal frame 5x7 dots with cursor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com