Electronic Components Datasheet Search
  English  ▼

X  

M1330-28K Datasheet(PDF) 1 Page - API Delevan

Part # M1330-28K
Description  Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

M1330-28K Datasheet(HTML) 1 Page - API Delevan

  M1330-28K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7/2004
PAGE
27
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
1380
1300
1230
1120
1040
975
830
710
660
550
500
420
390
620
560
480
415
355
285
263
239
195
185
160
144
160
157
149
144
140
130
125
110
100
92
88
84
66
61
57
52
47
45
40
36
35
30
29
28
0.08
0.09
0.10
0.12
0.14
0.16
0.22
0.30
0.35
0.50
0.60
0.85
1.00
0.18
0.22
0.30
0.40
0.55
0.85
1.00
1.20
1.80
2.00
2.70
3.30
2.70
2.80
3.10
3.30
3.50
3.40
3.60
4.50
5.70
6.70
7.30
8.00
13.00
15.00
17.00
21.00
25.00
28.00
35.00
42.00
46.00
60.00
65.00
72.00
680.0
640.0
600.0
550.0
510.0
430.0
410.0
365.0
330.0
300.0
275.0
250.0
230.0
150.0
140.0
125.0
115.0
100.0
90.0
80.0
75.0
65.0
60.0
55.0
50.0
40.0
35.0
30.0
25.0
20.0
24.0
22.0
20.0
18.0
15.0
14.0
13.0
12.0
11.0
10.0
9.0
8.0
7.0
6.5
6.0
5.0
4.2
3.8
3.4
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
40
40
38
35
33
33
30
30
30
30
28
28
25
25
28
30
30
37
45
45
45
50
50
55
55
45
45
45
45
45
35
35
35
35
35
35
35
30
30
30
30
30
30
30
30
30
30
30
30
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.00
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
14F
15F
16F
17F
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
14F
15F
16F
17F
18F
19F
Not recommended for new designs See
Series 1330 (page 26) for replacement.
Military QPL Approvals
M83446/23 Phenolic Core
M83446/24 Iron Core
M83446/25 Ferrite Core
Physical Parameters
Inches
Millimeters
A
0.300 to 0.320
7.62 to 8.13
B
0.105 to 0.125
2.67 to 3.18
C
0.125 to 0.145
3.18 to 3.68
D
0.020 to 0.040
0.51 to 1.02
E
0.075 to 0.095
1.91 to 2.41
F
0.230 to 0.260
5.84 to 6.60
Dimensions “A” and “C” are over terminals
Weight Max. (Grams) 0.30
Operating Temperature Range
Phenolic: –55°C to +125°C
Iron and Ferrite: –55°C to +105°C
Current Rating at 90°C Ambient
Phenolic: 35°C Rise
Ferrite: 15°C Rise
Maximum Power Dissipation at 90°C Ambient
Phenolic: 0.210 W
Iron: 0.090 W
Ferrite: 0.073 W
Packaging Tape & reel (16mm): 7" reel, 500 pieces
max.; 13" reel, 2200 pieces max.
Made In the U.S.A. Patent Protected
M83446/23– SERIES M1330 PHENOLIC CORE
-94K
-96K
-00K
-02K
-04K
-06K
-08K
-10K
-12K
-14K
-16K
-18K
-20K
M83446/24– SERIES M1330 IRON CORE
-22K
-24K
-26K
-28K
-30K
-32K
-34K
-36K
-38K
-40K
-42K
-44K
-46K
-48K
-50K
-52K
-54K
M83446/25– SERIES M1330 FERRITE CORE
-56K
-58K
-60K
-62K
-64K
-66K
-68K
-70K
-72K
-74K
-76K
-78K
-80K
-82K
-84K
-86K
-88K
-90K
-92K
Parts listed above are QPL/MIL qualified
Optional Tolerances:
J = 5%
H = 3%
G = 2%
F = 1%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
M
I L I TA RY
A
P P R O V E D
M1330
Surface Mount Inductors
Series


Similar Part No. - M1330-28K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1330 ETC2-M1330 Datasheet
300Kb / 1P
6mm HEX FEMALE STANDOFFS
logo
Alpha Wire
M13302 ALPHAWIRE-M13302 Datasheet
408Kb / 4P
22 (7/30) AWG Tinned Copper
M13303 ALPHAWIRE-M13303 Datasheet
408Kb / 4P
22 (7/30) AWG Tinned Copper
M13304 ALPHAWIRE-M13304 Datasheet
408Kb / 4P
22 (7/30) AWG Tinned Copper
M13305 ALPHAWIRE-M13305 Datasheet
408Kb / 4P
22 (7/30) AWG Tinned Copper
More results

Similar Description - M1330-28K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
888FU-101M TOKO-888FU-101M Datasheet
29Kb / 1P
Surface mount inductors
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
Surface Mount Inductors
logo
XFMRS Inc.
XF0076S3 XFMRS-XF0076S3 Datasheet
34Kb / 2P
SURFACE MOUNT INDUCTORS
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
Surface Mount Inductors
logo
XFMRS Inc.
XF0036S5 XFMRS-XF0036S5 Datasheet
54Kb / 1P
SURFACE MOUNT INDUCTORS
XF0256S7 XFMRS-XF0256S7 Datasheet
55Kb / 1P
SURFACE MOUNT INDUCTORS
XF0016S8 XFMRS-XF0016S8_15 Datasheet
49Kb / 1P
SURFACE MOUNT INDUCTORS
XF0026S8 XFMRS-XF0026S8_15 Datasheet
39Kb / 1P
SURFACE MOUNT INDUCTORS
XF677240 XFMRS-XF677240 Datasheet
76Kb / 2P
SURFACE MOUNT INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-1500 RENCO-RL-1500 Datasheet
623Kb / 3P
SURFACE MOUNT INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com