Electronic Components Datasheet Search
  English  ▼

X  

APL3206 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3206
Description  Li Charger Protection IC with Integrated P-MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3206 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3206 Datasheet HTML 2Page - Anpec Electronics Coropration APL3206 Datasheet HTML 3Page - Anpec Electronics Coropration APL3206 Datasheet HTML 4Page - Anpec Electronics Coropration APL3206 Datasheet HTML 5Page - Anpec Electronics Coropration APL3206 Datasheet HTML 6Page - Anpec Electronics Coropration APL3206 Datasheet HTML 7Page - Anpec Electronics Coropration APL3206 Datasheet HTML 8Page - Anpec Electronics Coropration APL3206 Datasheet HTML 9Page - Anpec Electronics Coropration APL3206 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2009
APL3206/A
www.anpec.com.tw
6
Operating Waveforms
The test condition is V
ACIN=5V, VBAT=3.8V, CACIN=1µF, CCHRIN=1µF, TA= 25
oC unless otherwise specified.
OVP at Power On
1
2
3
V
OUT
CH1: V
ACIN, 10V/Div, DC
CH2: V
CHRIN, 2V/Div, DC
V
ACIN = 0 to 12V, VGATDRV = VCHRIN
CH3: V
OUT, 2V/Div, DC
TIME: 2ms/Div
V
CHRIN
V
ACIN
CH1: V
ACIN, 5V/Div, AC
CH2: V
CHRIN, 2V/Div, DC
TIME: 2ms/Div
Recovery from Input OVP
V
CHRIN
V
ACIN
1
2
V
ACIN= 12V to 5V
Normal Power On
1
2,3
4
V
ACIN
V
OUT
CH1: V
ACIN, 5V/Div, DC
CH2: V
OUT, 2V/Div, DC
TIME: 2ms/Div
V
GATDRV = VCHRIN
CH4: I
OUT, 0.2A/Div, DC
I
OUT
V
CHRIN
CH3: V
CHRIN, 2V/Div, DC
CH1: V
ACIN, 5V/Div, AC
CH2: V
CHRIN, 2V/Div, DC
TIME:20
µs/Div
Input Over-Voltage Protection
V
ACIN
1
VACIN =5V to 12V
V
CHRIN
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com