Electronic Components Datasheet Search
  English  ▼

X  

APL3208B Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3208B
Description  Li Charger Protection IC with Integrated P-MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3208B Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3208B Datasheet HTML 1Page - Anpec Electronics Coropration APL3208B Datasheet HTML 2Page - Anpec Electronics Coropration APL3208B Datasheet HTML 3Page - Anpec Electronics Coropration APL3208B Datasheet HTML 4Page - Anpec Electronics Coropration APL3208B Datasheet HTML 5Page - Anpec Electronics Coropration APL3208B Datasheet HTML 6Page - Anpec Electronics Coropration APL3208B Datasheet HTML 7Page - Anpec Electronics Coropration APL3208B Datasheet HTML 8Page - Anpec Electronics Coropration APL3208B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2009
APL3208A/B/C
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Li+ Charger Protection IC with Integrated P-MOSFET
• Input Over-Voltage Protection
• Current-Limit Protection
• Battery Over-Voltage Protection
• High Immunity of False Triggering
• High Accuracy Protection Threshold
• A Built-In P-MOSFET
• Available with 3 Versions of Charging Current:
450mA, 550mA, 650mA
• Thermal Shutdown Protection
• Available in TDFN2x2-8 and TSOT-23-6A Packages
• “Lithium-Safe” Criteria
• Lead Free and Green Devices Available
(RoHS Compliant)
Features
Applications
• Cell Phones for Infineon
General Description
Simplified Application Circuit
The APL3208A/B/C provides complete Li+ charger pro-
tection against Input over-voltage, battery over-voltage,
and the charge current limit. When the input OVP or the
battery OVP is over the threshold, the IC removes the
power from the charging system by turning off an internal
switch. When the current via the internal switch surpasses
the current limit threshold, the current will be clamped in
a constant level to provide a constant current for battery
charging usage. All protections also have deglitch time
against false triggering due to voltage spikes or current
transients.
The APL3208A/B/C integrates a P-MOSFET with the body
diode reverse protection to replace the external power
bipolar transistor and Schottky diode for charger function
of the Infineon ULC2 mobile phones. When the CHG_DET
voltage drops below V
BAT+20mV, the internal power se-
lect circuit will reverse the body diode’s terminal to pre-
vent a reverse current flowing from the battery back to the
CHG_DET pin.
The APL3208A/B/C provides complete Li+ charger pro-
tections and save the external MOSFET and Schottky di-
ode for the Infineon ULC2 mobile phones. The above
features and small package make the APL3208A/B/C an
ideal part for cell phones applications.
Pin Configuration
R
= Exposed Pad
(Connected to the ground plane for better heat
dissipation)
EP
TDFN2x2-8
(Top View)
EP
ACIN 1
GND 3
ACIN 2
VBAT 4
8 OUT
7 OUT
5 CHG_SW
6 CHG_DET
ACIN CHG_DET
VBAT
GND
APL3208A/B/C
Li+
Battery
CHG_SW
OUT
5V Adapter
or USB
V
CHG_DET
CHG_SW
4 VBAT
6 ACIN
CHG_DET 2
5 GND
CHG_SW 3
OUT 1
TSOT-23-6A
(Top View)


Similar Part No. - APL3208B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QAI-TRG ANPEC-APL3200QAI-TRG Datasheet
385Kb / 24P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QBI-TRG ANPEC-APL3200QBI-TRG Datasheet
385Kb / 24P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
Li Battery Charger with Thermal Regulation
APL3201QAI-TRG ANPEC-APL3201QAI-TRG Datasheet
255Kb / 16P
Li Battery Charger with Thermal Regulation
More results

Similar Description - APL3208B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
Li Charger Protection IC with Integrated P-MOSFET
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
Li Charger Protection IC
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
Li Charger Protection IC with Integrated P-MOSFET
APL3215 ANPEC-APL3215 Datasheet
317Kb / 18P
Li Charger Protection IC with Integrated P-MOSFET
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
Li Charger Protection IC
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
Li Charger Protection IC
logo
Monolithic Power System...
MP2676 MPS-MP2676 Datasheet
438Kb / 10P
Li-Ion Charger Protection IC With Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com