Electronic Components Datasheet Search
  English  ▼

X  

APL5325 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5325
Description  Adjustable Low Dropout 300mA Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5325 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5325 Datasheet HTML 2Page - Anpec Electronics Coropration APL5325 Datasheet HTML 3Page - Anpec Electronics Coropration APL5325 Datasheet HTML 4Page - Anpec Electronics Coropration APL5325 Datasheet HTML 5Page - Anpec Electronics Coropration APL5325 Datasheet HTML 6Page - Anpec Electronics Coropration APL5325 Datasheet HTML 7Page - Anpec Electronics Coropration APL5325 Datasheet HTML 8Page - Anpec Electronics Coropration APL5325 Datasheet HTML 9Page - Anpec Electronics Coropration APL5325 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Nov., 2008
APL5325
www.anpec.com.tw
6
Operating Waveforms
Enable
Shutdown
CH1
CH2
CH3
CH4
V
IN
V
OUT
I
OUT
SHDN
Load Transient
Line Transient
CH1
CH2
CH3
CH4
SHDN
V
IN
V
OUT
I
OUT
CH1 : SHDN , 5V/div
CH2 : V
IN , 5V/div
CH3 : V
OUT , 2V/div
CH4 : I
OUT , 100mA/div
Time : 200
µs/div
CH1 : SHDN , 5V/div
CH2 : V
IN , 5V/div
CH3 : V
OUT , 2V/div
CH4 : I
OUT , 100mA/div
Time : 10
µs/div
CH1
CH2
V
IN
V
OUT
C
IN=1 µF ; COUT=2.2µF ;
T
R =5µs ; I OUT=10mA
CH1 : V
OUT , 50mV/div AC
CH2 : I
OUT , 100mA/div
Time : 20
µs/div
CH1 : V
IN , 1V/div DC
CH2 : V
OUT , 50mV/div AC
Time : 20
µs/div
CH1
CH2
V
OUT
I
OUT
V
IN=5V ; CI N=1µF ;
C
OUT=2.2µF ; TR =1µ s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com