Electronic Components Datasheet Search
  English  ▼

X  

APL5537 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5537
Description  Dual Channel 300mA Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5537 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5537 Datasheet HTML 1Page - Anpec Electronics Coropration APL5537 Datasheet HTML 2Page - Anpec Electronics Coropration APL5537 Datasheet HTML 3Page - Anpec Electronics Coropration APL5537 Datasheet HTML 4Page - Anpec Electronics Coropration APL5537 Datasheet HTML 5Page - Anpec Electronics Coropration APL5537 Datasheet HTML 6Page - Anpec Electronics Coropration APL5537 Datasheet HTML 7Page - Anpec Electronics Coropration APL5537 Datasheet HTML 8Page - Anpec Electronics Coropration APL5537 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2009
www.anpec.com.tw
2
APL5537
Voltage Code Table
Output Voltage
Output Voltage
VOUT1 (V)
VOUT2 (V)
Voltage Code
VOUT1 (V)
VOUT2 (V)
Voltage Code
1.30
2.80
7M
1.20
2.80
5M
1.85
1.85
bb
1.85
1.50
b9
1.50
1.50
99
1.50
2.80
9M
1.80
1.20
C5
1.80
2.60
CK
2.50
1.80
JC
1.80
3.30
CR
2.50
3.00
JO
2.50
2.80
JM
2.80
2.85
Ud
2.50
3.30
JR
2.85
2.85
dd
2.85
1.85
db
2.80
1.80
MC
2.85
1.80
dC
2.80
3.30
MR
2.80
2.80
MM
2.80
3.00
MO
3.00
1.80
OC
3.30
2.85
Rd
3.00
3.00
OO
3.30
3.30
RR
3.30
3.00
RO
3.15
2.80
eM
3.30
3.10
RP
Available Voltage Version
Code
5
7
9
A
C
b
D
E
F
J
K
Voltage
1.20
1.30
1.50
1.60
1.80
1.85
1.90
2.00
2.10
2.50
2.60
Code
c
L
M
d
N
O
P
e
Q
R
Voltage
2.65
2.70
2.80
2.85
2.90
3.00
3.10
3.15
3.20
3.30
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN Input Voltage (VIN to GND)
-0.3 ~ 7
V
VEN1, VEN2
EN1, EN2 to GND Voltage
-0.3 ~ 7
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
TSOT-23-6A
TDFN1.6x1.6-6
220
165
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com