Electronic Components Datasheet Search
  English  ▼

X  

APL5620 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5620
Description  2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5620 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5620 Datasheet HTML 9Page - Anpec Electronics Coropration APL5620 Datasheet HTML 10Page - Anpec Electronics Coropration APL5620 Datasheet HTML 11Page - Anpec Electronics Coropration APL5620 Datasheet HTML 12Page - Anpec Electronics Coropration APL5620 Datasheet HTML 13Page - Anpec Electronics Coropration APL5620 Datasheet HTML 14Page - Anpec Electronics Coropration APL5620 Datasheet HTML 15Page - Anpec Electronics Coropration APL5620 Datasheet HTML 16Page - Anpec Electronics Coropration APL5620 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2009
APL5620
www.anpec.com.tw
13
Layout Consideration (See Figure 1)
Figure 1
Thermal Consideration
The TDFN3x3-10 is a cost-effective package featuring a
small size and a bottom exposed pad to minimize the
thermal resistance of the package, being applicable to
high current applications. The exposed pad must be sol-
dered to the top-layer ground plane. It is recommended
to connect the top-layer ground pad to the internal ground
plan by using vias. The copper of the ground plane on the
top-layer conducts heat into the PCB and ambient air.
Please enlarge the area of the top-layer pad and the
ground plane to reduce the case-to-ambient resistance
(
θ
CA).
1. Please solder the Exposed Pad on the system ground
pad on the top-layer of PCBs. The ground pad must
have wide size to conduct heat into the ambient air
through the system ground plane and PCB as a heat
sink.
2. Please place the input capacitors for VIN and VCNTL
pins near the pins as close as possible for decoupling
high-frequency ripples.
3. Ceramic decoupling capacitors for load must be placed
near the load as close as possible for ecoupling high-
frequency ripples.
4. To place APL5620 and output capacitors near the load
reduces parasitic resistance and inductance for excel-
lent load transient response.
5. The negative pins of the input and output capacitors
and the GND pad must be connected to the ground
plane of the load.
6. Large current paths, shown by bold lines on the figure
1, must have wide tracks.
7. Place the R1, R2, and C1 (option) near the APL5620 as
close as to avoid noise coupling.
8. Connect the ground of the R2 to the GND pad by using
a dedicated track.
9. Connect the one pin of the R1 to the load for Kelvin
sensing.
10. Connect one pin of the C1 (option) to the VOUT pin for
reliable feedback compensation.
V
CNTL
V
OUT
C
CNTL
V
IN
GND
VOUT
VCNTL
VIN
C
IN
C
OUT
APL5620
R1
C1
(Optional)
FB
R2
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com