Electronic Components Datasheet Search
  English  ▼

X  

APL5930 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5930
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5930 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5930 Datasheet HTML 2Page - Anpec Electronics Coropration APL5930 Datasheet HTML 3Page - Anpec Electronics Coropration APL5930 Datasheet HTML 4Page - Anpec Electronics Coropration APL5930 Datasheet HTML 5Page - Anpec Electronics Coropration APL5930 Datasheet HTML 6Page - Anpec Electronics Coropration APL5930 Datasheet HTML 7Page - Anpec Electronics Coropration APL5930 Datasheet HTML 8Page - Anpec Electronics Coropration APL5930 Datasheet HTML 9Page - Anpec Electronics Coropration APL5930 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2009
APL5930
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
Dropout Voltage vs. Output Current
Output Current, I
OUT (A)
V
CNTL = 5V
V
OUT = 2.5V
0
50
100
150
200
250
300
350
400
450
0
0.5
1
1.5
2
2.5
3
T
J = 25°
C
T
J = 0°
C
T
J = 75°
C
T
J = 125°
C
T
J = - 40°
C
Junction Temperature (oC)
Reference Voltage vs. Junction
Temperature
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
-50
-25
0
25
50
75
100
125
Frequency (Hz)
VIN Power Supply Rejection Ratio
(PSRR)
V
CNTL=5V
V
IN=1.8V
V
INPK-PK=100mV
V
OUT=1.2V
I
OUT=3A
C
IN=10µF
C
OUT=10µF
-60
-50
-40
-30
-20
-10
0
1000
10000
100000
1000000
Frequency (Hz)
VCNTL Power Supply Rejection Ratio
(PSRR)
V
CNTL=4.6~5.4V
V
IN=1.8V
V
OUT=1.2V
I
OUT=3A
C
IN=COUT=10µF
-70
-60
-50
-40
-30
-20
-10
0
1000
10000
100000
1000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com