Electronic Components Datasheet Search
  English  ▼

X  

APW7008 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7008
Description  1X/1.5X/2x Charge Pump White LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7008 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7008 Datasheet HTML 1Page - Anpec Electronics Coropration APW7008 Datasheet HTML 2Page - Anpec Electronics Coropration APW7008 Datasheet HTML 3Page - Anpec Electronics Coropration APW7008 Datasheet HTML 4Page - Anpec Electronics Coropration APW7008 Datasheet HTML 5Page - Anpec Electronics Coropration APW7008 Datasheet HTML 6Page - Anpec Electronics Coropration APW7008 Datasheet HTML 7Page - Anpec Electronics Coropration APW7008 Datasheet HTML 8Page - Anpec Electronics Coropration APW7008 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Feb., 2009
APW7008
www.anpec.com.tw
2
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish;
which are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-
020C for MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and
halogen free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed
1500ppm by weight).
Symbol
Parameter
Rating
Unit
VOUT
VOUT to GND
-0.3 to +6
V
VIN
VIN to GND
-0.3 to +6
V
VC1+, VC1-, VC2+, VC2- C1+, C1-, C2+, C2- to GND
-0.3 to +6
V
VILED1-4
ILED1-4 to GND
-0.3 to +6
V
VCTRL0/1/2, VEN
CTRL0/1/2, EN to GND
-0.3 to +6
V
VISET
ISET to GND
-0.3 to 2
V
TJ
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1, 2)
Note 1: Stresses beyond the absolute maximum rating may damage the device and operating in the absolute maximum rating
conditions for extended periods may affect device reliability.
Note 2: The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD(max) = (TJ – TA) /
θ
JA ;TJ=125°C. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
R θJA
Thermal Resistance
− Junction to Ambient
QFN3x3-16
40
°C/W
APW7008
Handling Code
Temperature Range
Package Code
Package Code
QA : QFN3x3-16
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APW7008 QA :
APW
7008
XXXXX
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com