Electronic Components Datasheet Search
  English  ▼

X  

APW7098 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7098
Description  Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7098 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7098 Datasheet HTML 1Page - Anpec Electronics Coropration APW7098 Datasheet HTML 2Page - Anpec Electronics Coropration APW7098 Datasheet HTML 3Page - Anpec Electronics Coropration APW7098 Datasheet HTML 4Page - Anpec Electronics Coropration APW7098 Datasheet HTML 5Page - Anpec Electronics Coropration APW7098 Datasheet HTML 6Page - Anpec Electronics Coropration APW7098 Datasheet HTML 7Page - Anpec Electronics Coropration APW7098 Datasheet HTML 8Page - Anpec Electronics Coropration APW7098 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Oct., 2009
APW7098
www.anpec.com.tw
2
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VCC
VCC Supply Voltage (VCC to AGND)
-0.3 ~ 15
V
VBOOT1/2
BOOT1/2 Voltage (BOOT1/2 to PHASE1/2)
-0.3 ~ 15
V
UGATE1/2 Voltage (UGATE1/2 to PHASE1/2)
<200ns pulse width
>200ns pulse width
-5 ~ VBOOT1/2+5
-0.3 ~ VBOOT1/2+0.3
V
LGATE1/2 Voltage (LGATE1/2 to PGND)
<200ns pulse width
>200ns pulse width
-5 ~ VCC+5
-0.3 ~ VCC+0.3
V
PHASE1/2 Voltage (PHASE1/2 to PGND)
<200ns pulse width
>200ns pulse width
-10 ~ 30
-2 ~ 15
V
Pin Configuration
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APW7098
Handling Code
Temperature Range
Package Code
Package Code
QA : QFN4x4-24A
Operating Ambient Temperature Range
E : -20 to 70 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APW7098 QA :
XXXXX - Date Code
APW7098
XXXXX
UGATE2
SS
MODE
AGND
5VCC
BOOT1
UGATE1
CSP1
BOOT2
REFOUT/POK
REFIN/EN
FB
25
PGND
17
16
15
14
13
18
2
3
4
5
6
1
23 22 21 20 19
24
8
9 10 11 12
7
QFN4x4-24A
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com