Electronic Components Datasheet Search
  English  ▼

X  

AE365 Datasheet(PDF) 2 Page - RFHIC

Part # AE365
Description  E-pHEMT MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE365 Datasheet(HTML) 2 Page - RFHIC

  AE365 Datasheet HTML 1Page - RFHIC AE365 Datasheet HTML 2Page - RFHIC AE365 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E3
36
65
5
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.3
◎ Application Circuit: 50MHz ~ 1000MHz, 50ohm System
◎ Typical RF Performance: VDD=5V, IDS=75mA, TA=25℃, 50ohm System
◎ Output data
5V, 75mA
6V, 110mA
Frequency
OIP3 (dBm)
P1dB (dBm)
Frequency
OIP3 (dBm)
P1dB (dBm)
50 MHz
35.3
20.5
50 MHz
38.4
22
100 MHz
36.8
21.4
100 MHz
40
23
250 MHz
36.6
21.5
250 MHz
40
23
500 MHz
36.2
21.2
500 MHz
40
23
850 MHz
35
21.2
850 MHz
39
23
0.2
0.4
0.6
0.8
1.0
0.0
1.2
0
5
10
15
-5
20
-20
-10
0
10
-30
20
Freq.(GHz)
S-parameter
Noise Figure vs Frequency
1.0
1.5
2.0
2.5
3.0
3.5
4.0
50
250
450
650
850
1050
Freq(MHz)
S21
S22
S11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com