Electronic Components Datasheet Search
  English  ▼

X  

AE414 Datasheet(PDF) 2 Page - RFHIC

Part # AE414
Description  E-pHEMT MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE414 Datasheet(HTML) 2 Page - RFHIC

  AE414 Datasheet HTML 1Page - RFHIC AE414 Datasheet HTML 2Page - RFHIC AE414 Datasheet HTML 3Page - RFHIC AE414 Datasheet HTML 4Page - RFHIC AE414 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E4
41
14
4
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.1
Application Circuit: 50~ 2200MHz, 8v, 75ohm System
1
AE 414
100 nF
2.2 nH
Input
100 nF
3.9 nH
Output
680 Ω
10 nF
3.3 nH
82 Ω
0 Ω
820 nH
(Wire wound)
+8 V
4.7uF / 16v
(Tantalium)
10 nF
680 Ω
2
3
4
8
7
6
5
0.3 pF
Multi-Tone Test 135CH_FLAT@Output Power +30dBmV
Level: +30dBmV
Tilt: 135CH_FLAT
8V
680 ohm
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
73.2
75.2
79.6
76.5
76
80.4
56.06
72.4
74.6
53.99
77.25
74
75.6
80
76.5
72.6
74.8
77.99
76
80.4
75.89
109.25
74.2
74.8
79.2
76.3
75.9
80.2
110
71.5
73.1
107.99
211.25
73.4
74.9
79.3
76.1
75.5
79.8
212.49
69.9
71
209.99
331.25
73.5
73.5
77.8
74.9
71.4
73.9
332.5
67.1
68
329.99
445.25
72.5
74.5
78.8
76.1
69.3
70.3
446.5
66.1
66.6
443.99
547.25
71.9
73
77.3
73.9
65.6
66.3
548.5
64.5
65
545.99
637.25
72.3
73
77.3
74.4
64.1
64.5
638.49
65.7
66.3
635.98
745.25
71.9
72.9
77.2
74
61.8
62.1
746.49
68.3
69.7
743.98
859.25
71.5
71.4
75.7
72.1
60
60.3
860.49
70.3
74.6
858.49
Min
71.5
71.4
75.7
72.1
60
60.3
56.06
64.5
65
53.99
Max
74.2
75.6
80
76.5
76
80.4
860.49
76
80.4
858.49
Frequency (GHz)
S-Parameter
Frequency (MHz)
Noise Figure
PCB material (FR4), PCB thickness (0.8t), Via hole (Φ0.4)
0
1
2
3
4
5
6
10
400
800
1200
1600
2000
2400
0.5
1.0
1.5
2.0
0.0
2.5
5
10
15
20
0
25
-10
0
10
-20
20
S21
S11
S22



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com