Electronic Components Datasheet Search
  English  ▼

X  

AE384 Datasheet(PDF) 3 Page - RFHIC

Part # AE384
Description  E-pHEMT MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE384 Datasheet(HTML) 3 Page - RFHIC

  AE384 Datasheet HTML 1Page - RFHIC AE384 Datasheet HTML 2Page - RFHIC AE384 Datasheet HTML 3Page - RFHIC AE384 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E3
38
84
4
(Preliminary)
◎ Application Circuit: 2400MHz ~ 2600MHz, 50ohm System
+5V
Output
8.2nH
2.5pF
4.7uF
(Tantal)
100nF
Input
AE384
2.0pF
0ohm
1.5nH
150ohm
100nF
68nH
◎ Typical RF Performance: VDD=5V, IDS=100mA, TA=25℃, 50ohm System
Noise Figure vs Frequench
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2400
2440
2480
2520
2560
2600
Freq(MHz)
2.4
2.5
2.6
2.3
2.7
-20
-10
0
10
20
-30
30
freq, GHz
S-parameter
S21
S11
S22
OIP3 vs Frequency
P1dB vs Frequency
18.0
20.0
22.0
24.0
26.0
28.0
2400
2440
2480
2520
2560
2600
Freq(MHz)
32.0
34.0
0
0
40.0
0
2400
2440
2480
2520
2560
2600
Freq(MHz)
42.
38.
36.
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com