Electronic Components Datasheet Search
  English  ▼

X  

AE417 Datasheet(PDF) 2 Page - RFHIC

Part # AE417
Description  E-pHEMT MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE417 Datasheet(HTML) 2 Page - RFHIC

  AE417 Datasheet HTML 1Page - RFHIC AE417 Datasheet HTML 2Page - RFHIC AE417 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E4
41
17
7
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.2
◎ Application Circuit: 50MHz ~ 1000MHz, 75ohm System
+8V
Output
10 nF
Input
AE417
1 pF
10 nF
8.2nH
100nF
820nH
(Wirewround Type)
10 nF
6.8nH
4.7uF
(Tantal)
1Kohm
1 pF
◎ Typical RF Performance: VDD=8V, IDS=115mA, T=25℃, 75ohm System
0.2
0.4
0.6
0.8
1.0
0.0
1.2
-5
0
5
10
-10
15
-20
-10
0
10
-30
20
Freq(GHz)
S-Parameter
◎ Multi-Tone Test 135CH_FLAT@Output Power +30dBmV/Ch
Level: +30dBmV
Tilt: 135CH_FLAT
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
73.8
74.8
79.1
75.6
75.4
79.8
56.09
63.4
63.6
54
77.25
75.2
75
79.3
75.6
63.9
64.2
77.99
75.3
79.7
76.45
109.25
75.9
74.8
79.1
75.8
75.1
79.4
110
64
64.3
107.99
211.25
75.1
74.6
78.9
75.8
75
79.3
211.98
64.2
64.4
209.99
331.25
75.9
72.8
77.1
74
72.7
77
331.99
64.2
64.6
329.99
445.25
74.9
73.5
77.8
75.6
72.9
76.5
446.49
64.5
64.9
443.99
547.25
73.9
71.9
76.2
73
70.6
74.2
548.49
64.2
64.8
545.99
637.25
74.4
71.6
75.9
73.3
69.4
71.6
638.49
65.3
66.1
635.98
745.25
74.5
71.6
76
73.7
67.8
69.2
746.49
67.4
68.7
743.99
859.25
73.9
70.3
74.6
71.2
66.2
67.8
860.49
70.3
74.6
858.49
Min
73.8
70.3
74.6
71.2
63.9
64.2
56.09
63.4
63.6
54
Max
75.9
75
79.3
75.8
75.4
79.8
860.49
75.3
79.7
858.49
S21
S11
S22
Noise Figure vs Frequency
0
1
2
3
4
5
10
200
400
600
800
1000
Freq(MHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com