Electronic Components Datasheet Search
  English  ▼

X  

RFC042 Datasheet(PDF) 1 Page - RFHIC

Part # RFC042
Description  Mobile Radio Mini Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFC042 Datasheet(HTML) 1 Page - RFHIC

  RFC042 Datasheet HTML 1Page - RFHIC RFC042 Datasheet HTML 2Page - RFHIC RFC042 Datasheet HTML 3Page - RFHIC RFC042 Datasheet HTML 4Page - RFHIC RFC042 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M
Mo
ob
biille
e R
Ra
ad
diio
o
M
Miin
nii A
Am
mp
plliiffiie
er
r
R
RF
FC
C0
04
42
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.6
Product Features
Application
• GaAs MMIC
• Very Low Distortion
• Guaranteed Broadband Power Gain
• Heat Sink 99.9% Copper, Ag or Gold Plate
• Excellent Thermal Conductivity
• Single Supply Voltage @ 24V
• Low DC Power Consumption
• No External Circuit needed
• Drive Amplifier
Description
The RFC042 is specifically designed for up to 800MHz in frequency as amplifiers in BTS.
This hybrid dynamic range amplifier module operates with a single voltage supply of 24V(DC).
The RFC042 is equipped with over-voltage suppressor.
Specifications
Absolute Maximum Ratings
(Operating Temperature:-40
°C~+100°C)
PARAMETER
MIN
MAX
UNITS
VDD / VRFOUT
0
28
VDC
RFIN
-
+22
dBm
Storage Temperature
-40
+100
℃
Operating Temperature
-20
+100
℃
Electrical Specifications (TA = +25℃, VDD = 24V)
RFC042
PARAMETER
MIN
TYP
MAX
Bandwidth (MHz)
400
-
800
Gain @870MHz (dB)
21
23
-
Gain Flatness @870MHz (dB)
-
-
±0.5
S11 (dB)
1.5 : 1
2.0:1
S22 (dB)
1.5 : 1
2.0:1
400MHz
46
48
-
600MHz
48
50
IP3 (dBm)
800MHz
48
50
f1=400 MHz, f2=401 MHz
54
58
-
f1=600 MHz, f2=601 MHz
56
60
IMD3 (dBc)
Two Tone 20dBm Output
f1= 799MHz, f2=800 MHz
56
60
1FA
21
23
3FA
21
23
CDMA (dBm) 29dBc@750KHz
44dBc@1.98MHz
8FA
18
20
Noise Figure (dB) @ 870MHz
4.0
6
Supply Current (mA)
380
400
430


Similar Part No. - RFC042

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC042 RFHIC-RFC042_14 Datasheet
358Kb / 6P
Mobile Radio Mini Amplifier
RFC042 RFHIC-RFC042_17 Datasheet
1Mb / 6P
Mobile Radio Mini Amplifier
More results

Similar Description - RFC042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1007 MAXIM-MAX1007 Datasheet
110Kb / 12P
Mobile-Radio Analog Controller
19-1180; Rev 0; 6/98
logo
National Semiconductor ...
SC11372 NSC-SC11372 Datasheet
1Mb / 28P
MOBILE RADIO ANALOG PROCESSOR
logo
ITT Industries
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
Mobile Mobile Phones PDA Portable Radio Portable Satellite
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
logo
Advanced Crystal Techno...
ACTF446B ACT-ACTF446B Datasheet
132Kb / 3P
Mobile Radio Applications
SEPT 04
ACTF446A ACT-ACTF446A Datasheet
94Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
Mobile Radio - FRS & PMR
SEPT 04
logo
RFHIC
RFC042 RFHIC-RFC042_14 Datasheet
358Kb / 6P
Mobile Radio Mini Amplifier
RFC042 RFHIC-RFC042_17 Datasheet
1Mb / 6P
Mobile Radio Mini Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com