Electronic Components Datasheet Search
  English  ▼

X  

AE616 Datasheet(PDF) 2 Page - RFHIC

Part # AE616
Description  E-pHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE616 Datasheet(HTML) 2 Page - RFHIC

  AE616 Datasheet HTML 1Page - RFHIC AE616 Datasheet HTML 2Page - RFHIC AE616 Datasheet HTML 3Page - RFHIC AE616 Datasheet HTML 4Page - RFHIC AE616 Datasheet HTML 5Page - RFHIC AE616 Datasheet HTML 6Page - RFHIC AE616 Datasheet HTML 7Page - RFHIC AE616 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E
E--p
pH
HE
EM
MT
T
A
AE
E6
61
16
6
Application Circuit : 824~896MHz
L
L4
L=33 nH
Port
Output
C
C7
C=100 pF
L
L3
L=5.6 nH
R
R12
R=0 Ohm
C
C10
C=0.1 uF
C
C11
C=1 pF
C
C1
C=4 pF
C
C9
C=0.5 pF
R
R11
R=3.3 Ohm
L
L2
L=100 nH
L
L1
L=8.2 nH
R
R10
R=51 Ohm
R
R6
R=200 Ohm
Amplifier
AE616
Port
Vdc
Port
Input
R
R3
R=910 Ohm
R
R2
R=300 Ohm
R
R8
R=0 Ohm
R
R4
R=100 Ohm
Cellular, CDMA (824~896MHz) Performance Data (Vd=5V, Tc=25℃)
Data
Data
Remarks
MHz
Items
Min
Typ
Max
Remarks
Items
Min
Typ
Max
MHz
Gain
20dB
824~896
NF
2.7dB
3.1dB
824~896
OIP3
35dBm
37dBm
824~896
P1dB
22dBm
24dBm
824~896
CDMA 1FA
18dBm
880
S-Parameter vs. Frequency
-20
-15
-10
-5
0
5
10
15
20
800
820
840
860
880
900
Freq(MHz)
14
15
16
17
18
19
20
21
22
S11(dB)
S22(dB)
S21(dB)
Noise Figure v s. Frequency
0
1
2
3
4
800
820
840
860
880
900
Freq(MHz)
OIP3 vs. Frequency
30
32
34
36
38
40
800
820
840
860
880
900
Freq(MHz)
P1dB v s. Frequency
21
22
23
24
25
800
820
840
860
880
900
Freq(MHz)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com