Electronic Components Datasheet Search
  English  ▼

X  

AE514 Datasheet(PDF) 2 Page - RFHIC

Part # AE514
Description  E-pHEMT MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE514 Datasheet(HTML) 2 Page - RFHIC

  AE514 Datasheet HTML 1Page - RFHIC AE514 Datasheet HTML 2Page - RFHIC AE514 Datasheet HTML 3Page - RFHIC AE514 Datasheet HTML 4Page - RFHIC AE514 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E551144
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.2
◎
Application Circuit: 50MHz ~ 2150MHz, 75ohm System
Output
D 60465A
(Balun)
100nF
1nF
1nF
100nF
560nH
( Wirewound)
+5V
1
4
8
5
AE514
D 60465A
(Balun)
560nH
( Wirewound)
330pF
330pF
680pF
680pF
10nF
+5V
0.5pF
10nF
Input
560Ω
18pF
560 Ω
18pF
◎
Typical RF Performance: VDD=5V, IDS=205mA, T=25℃, 75ohm System
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
2.2
4
8
12
16
0
20
-20
-10
0
10
-30
20
Freq(GHz)
S-Parameter
◎
Multi-Tone Test 79CH_FLAT@Output Power +39dBmV/Ch
Level: +39dBmV
Tilt: 79CH_FLAT
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
56.5
63.9
63.9
85.8
82
84.5
55.99
70.3
70.5
53.99
211.25
56.8
64
64
90.1
77.2
77.5
212.5
76.2
76.4
209.99
331.25
56.6
63.5
63.5
91.4
75.3
75.5
332.49
78.1
78.3
329.99
445.25
56.6
64.5
64.5
92.2
76
76.1
446.49
82
82.5
443.99
547.25
57.1
65.7
65.7
91.6
75.3
75.4
548.49
84.6
85.7
546.49
Min
56.5
63.5
63.5
85.8
75.3
75.4
55.99
70.3
70.5
53.99
Max
57.1
65.7
65.7
92.2
82
84.5
548.49
84.6
85.7
546.49
S21
S11
S22
Noise Figure vs Frequency
0
1
2
3
4
5
10
200
400
600
800
1000 1200 1400 1600 1800 2000 2200
Freq(MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com