Electronic Components Datasheet Search
  English  ▼

X  

CP180 Datasheet(PDF) 1 Page - RFHIC

Part # CP180
Description  Directional Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CP180 Datasheet(HTML) 1 Page - RFHIC

  CP180 Datasheet HTML 1Page - RFHIC CP180 Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
Diir
re
ec
cttiio
on
na
all
C
Co
ou
up
plle
er
r
C
CP
P1
18
80
0
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.2
Product Features
Application
• Passive Integration on Silicon
• Low Insertion Loss
• High Isolation
• Solder Pad
• Low Cost
• Pb Free/RoHS Compliant
• Repeater
• Base Station
• RF Sub-Systems
Description
The CP Series is a monolithic directional coupler for low cost wireless applications.
Specifications at 25℃
Package Dimensions (Type: SOIC-8)
PARAMETER
Units
Min
Typ
Max
Frequency Range
MHz
1700
1900
Insertion Loss
dB
0.3
0.5
Input Return Loss
dB
20
23
Output Return Loss
dB
20
23
Coupling
dB
13
14
15
Coupling Port Return Loss
dB
20
23
Isolation
dB
18
20
Remarks
MHz
1800
Parameter
Value
Input Power
2 W
Operating
Temperature
-40 ~ +85℃
Storage
Temperature
-65 ~ + 150℃
Absolute Maximum Ratings


Similar Part No. - CP180

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP180 CUI-CP180 Datasheet
299Kb / 4P
PELTIER MODULE
logo
Weller Tools
CP180 WELLER-CP180 Datasheet
1Mb / 4P
1000 Volt Series Screwdrivers and Pliers
03.08
logo
Jiangsu High diode Semi...
CP1800SC HDSEMI-CP1800SC Datasheet
1Mb / 5P
SMB Plastic-Encapsulate Diodes
More results

Similar Description - CP180

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DC17-73 ALPHA-DC17-73 Datasheet
58Kb / 3P
Directional Coupler
logo
Mini-Circuits
ZFDC-10-5 MINI-ZFDC-10-5 Datasheet
77Kb / 1P
Directional Coupler
logo
Merrimac Industries, In...
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
DIRECTIONAL COUPLER
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
DIRECTIONAL COUPLER
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
Directional Coupler
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
Directional Coupler
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
Directional coupler
KDK-20-225 SYNERGY-KDK-20-225 Datasheet
252Kb / 3P
Directional coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com