Electronic Components Datasheet Search
  English  ▼

X  

CP181 Datasheet(PDF) 1 Page - RFHIC

Part # CP181
Description  Directional Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CP181 Datasheet(HTML) 1 Page - RFHIC

  CP181 Datasheet HTML 1Page - RFHIC CP181 Datasheet HTML 2Page - RFHIC CP181 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
Diir
re
ec
cttiio
on
na
all
C
Co
ou
up
plle
er
r
C
CP
P1
18
81
1
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
Product Features
Application
• Passive Integration on Silicon
• Low Insertion Loss
• High Isolation
• Solder Pad
• Low Cost
• Repeater
• Base Station
• RF Sub-Systems
Description
The CP Series is a monolithic directional coupler for low cost wireless applications.
Specifications at 25℃, 50Ω in/out impedance
Block Diagram & Pin Out
Absolute Maximum Ratings
PARAMETER
Units
Min
Typ
Max
Frequency Range
MHz
1700
1900
Insertion Loss
dB
0.3
0.5
Input Return Loss
dB
20
30
Output Return Loss
dB
20
30
Coupling
dB
13
14
15
Coupling Return Loss
dB
20
35
Isolation
dB
18
22
Remarks
MHz
1800
Parameter
Value
Input Power
1 W
Operating
Temperature
-40 ~ +85℃
Storage
Temperature
-65 ~ + 150℃


Similar Part No. - CP181

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
CP18 FLEXTRAL-CP18 Datasheet
3Mb / 1P
CP18 Compo Cargo Vapor Hose
V04.21
logo
FOTEK CONTROLS CO., LTD...
CP18-30N FOTEK-CP18-30N Datasheet
337Kb / 2P
Capacitive proximity sensor
CP18-30P FOTEK-CP18-30P Datasheet
337Kb / 2P
Capacitive proximity sensor
logo
FLEXTRAL
CP18-800 FLEXTRAL-CP18-800 Datasheet
3Mb / 1P
CP18 Compo Cargo Vapor Hose
V04.21
logo
CUI INC
CP18-M CUI-CP18-M Datasheet
787Kb / 5P
PELTIER MODULE
07/08/2020
More results

Similar Description - CP181

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DC17-73 ALPHA-DC17-73 Datasheet
58Kb / 3P
Directional Coupler
logo
Mini-Circuits
ZFDC-10-5 MINI-ZFDC-10-5 Datasheet
77Kb / 1P
Directional Coupler
logo
Merrimac Industries, In...
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
DIRECTIONAL COUPLER
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
DIRECTIONAL COUPLER
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
Directional Coupler
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
Directional Coupler
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
Directional coupler
KDK-20-225 SYNERGY-KDK-20-225 Datasheet
252Kb / 3P
Directional coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com