Electronic Components Datasheet Search
  English  ▼

X  

THS7368IPW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS7368IPW
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7368IPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS7368IPW Datasheet HTML 15Page - Texas Instruments THS7368IPW Datasheet HTML 16Page - Texas Instruments THS7368IPW Datasheet HTML 17Page - Texas Instruments THS7368IPW Datasheet HTML 18Page - Texas Instruments THS7368IPW Datasheet HTML 19Page - Texas Instruments THS7368IPW Datasheet HTML 20Page - Texas Instruments THS7368IPW Datasheet HTML 21Page - Texas Instruments THS7368IPW Datasheet HTML 22Page - Texas Instruments THS7368IPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
10
0
10
20
30
40
50
60
-
-
-
-
-
-
1M
1G
Frequency(Hz)
10M
100M
V =+5V
Load=150
||5pF
DC-CoupledOutput
V =200mV
W
S
O
PP
EDFilter
SDFilter
Bypass
Full-HDFilter
HDFilter
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
1M
1G
Frequency(Hz)
10M
100M
V =+5V
Load=
150
||5pF
DC-Coupled
Output
V =200mV
W
S
O
PP
EDFilter
SDFilter
Bypass
Full-HD
Filter
HDFilter
100
90
80
70
60
50
40
30
20
1M
100M
Frequency(Hz)
10M
100k
V =+5V
Load=150
||5pF
DC-CoupledOutput
V =200mV
W
S
O
PP
EDFilter
SDFilter
45
0
45
90
135
180
225
270
315
360
-
-
-
-
-
-
-
-
1M
1G
Frequency(Hz)
10M
100M
V =+5V
Load=150
||5pF
DC-CoupledOutput
V =200mV
W
S
O
PP
EDFilter
SDFilter
Bypass
Full-HDFilter
HDFilter
35
30
25
20
15
10
5
100
Frequency(MHz)
10
1
V =+5V
Load=150
||5pF
DC-CoupledOutput
V =200mV
W
S
O
PP
Full-HDFilter
HDFilter
THS7368
www.ti.com
SBOS497 – DECEMBER 2009
TYPICAL CHARACTERISTICS: 5 V, Selectable Filter (SF) Channels
With load = 150
Ω || 5 pF, dc-coupled input and output, unless otherwise noted.
SF CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
SF CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 31.
Figure 32.
SF CHANNELS PHASE vs FREQUENCY RESPONSE
SF CHANNELS GROUP DELAY vs FREQUENCY RESPONSE
Figure 33.
Figure 34.
SF CHANNELS GROUP DELAY vs FREQUENCY RESPONSE
Figure 35.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): THS7368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com