Electronic Components Datasheet Search
  English  ▼

X  

AE663 Datasheet(PDF) 2 Page - RFHIC

Part # AE663
Description  E-pHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE663 Datasheet(HTML) 2 Page - RFHIC

  AE663 Datasheet HTML 1Page - RFHIC AE663 Datasheet HTML 2Page - RFHIC AE663 Datasheet HTML 3Page - RFHIC AE663 Datasheet HTML 4Page - RFHIC AE663 Datasheet HTML 5Page - RFHIC AE663 Datasheet HTML 6Page - RFHIC AE663 Datasheet HTML 7Page - RFHIC AE663 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E
E--p
pH
HE
EM
MT
T
A
AE
E6
66
63
3
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.4
Application Circuit : 900MHz
C
C9
C=1 pF
C
C2
C=1.5 pF
C
C8
C=5 pF
C
C7
C=2.4 pF
L
L4
L=3.3 nH
L
L3
L=33 nH
R
R6
R=75 Ohm
R
R3
R=56 Ohm
C
C11
C=1000 pF
R
R1
R=1 kOhm
L
L2
L=100 nH
C
C4
C=6 pF
R
R7
R=0 Ohm
C
C1
C=3 pF
L
L1
L=8.2 nH
C
C12
C=100 nF
Port
Output
Port
Input
R
R2
R=1.5 kOhm
Port
Vdc
R
R5
R=1.2 kOhm
Amplif ier
AE663
R
R4
R=1.2 kOhm
Cell, GSM, CDMA (824~960MHz) Performance Data (Vd=5V, Tc=25℃)
Items
Data
Remarks
Items
Data
Remarks
Gain
20.0 dB
824~960MHz
NF
3 dB
824~960MHz
OIP3
41 dBm
824~960MHz
P1dB
28 dBm
824~960MHz
CDMA 1FA
21.5 dBm
824~960MHz
S-Parameter vs. Frequency
-25
-20
-15
-10
-5
0
5
10
15
20
25
800
840
880
920
960
1000
Freq( MHz)
16
16.5
17
17.5
18
18.5
19
19.5
20
20.5
21
S11(dB)
S22(dB)
S21(dB)
Noise Figure v s. Frequency
0
1
2
3
4
800
840
880
920
960
1000
Freq(MHz)
OIP3 vs. Frequency
35
37
39
41
43
45
8 0 0
820
84 0
860
88 0
9 00
92 0
9 40
960
9 8 0
Fre q( M Hz )
P1dB v s. Frequency
23
25
27
29
31
33
800
820
840
860
880
900
920
940
960
980
Freq(MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com