Electronic Components Datasheet Search
  English  ▼

X  

AE618 Datasheet(PDF) 2 Page - RFHIC

Part # AE618
Description  E-pHEMT MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE618 Datasheet(HTML) 2 Page - RFHIC

  AE618 Datasheet HTML 1Page - RFHIC AE618 Datasheet HTML 2Page - RFHIC AE618 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E6
61
18
8
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.1
◎ Application Circuit: 50MHz ~ 1000MHz, 75ohm System
Output
Input
D31250(Balun)
100nF
1nF
1nF
100nF
1uH
(Wirewound)
+8V
1
4
8
5
AE618
D31250(Balun)
1uH
(Wirewound)
10nF
10nF
10nF
10nF
10nF
10nF
51 Ω
+8V
51 Ω
10nF
10nF
10nF
10nF
510 Ω
510 Ω
680 Ω
0.5pF
2pF
2pF
◎ Typical RF Performance: VDD=8V, IDS=470mA, T=25℃, 75ohm System
0.2
0.4
0.6
0.8
1.0
0.0
1.2
5
10
15
20
0
25
-20
-10
0
10
-30
20
Freq(GHz)
S-Parameter
◎ Multi-Tone Test 79CH_FLAT@Output Power +39dBmV/Ch
Level: +39dBmV
Tilt: 79CH
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
65.6
69.6
69.8
84.8
83.8
88.1
56
75.6
76.1
54
211.25
66.1
70.6
70.8
85.4
82.3
85.3
212.5
82.5
85.6
209.99
331.25
65.9
68.9
69
84
78.8
80.4
332.49
82.6
87
329.99
445.25
64.9
69.2
69.4
85.2
77.4
78.3
446.49
82.9
87.3
444.49
547.25
64.5
69.9
70.1
82.6
73.4
73.9
548.49
80.6
84.9
546.49
Min
64.5
68.9
69
82.6
73.4
73.9
56
75.6
76.1
54
Max
66.1
70.6
70.8
85.4
83.8
88.1
548.49
82.9
87.3
546.49
Noise Figure vs Frequency
0
1
2
3
4
5
10
200
400
600
800
1000
Freq(MHz)
S21
S11
S22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com