Electronic Components Datasheet Search
  English  ▼

X  

AP209 Datasheet(PDF) 1 Page - RFHIC

Part # AP209
Description  MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP209 Datasheet(HTML) 1 Page - RFHIC

  AP209 Datasheet HTML 1Page - RFHIC AP209 Datasheet HTML 2Page - RFHIC AP209 Datasheet HTML 3Page - RFHIC AP209 Datasheet HTML 4Page - RFHIC AP209 Datasheet HTML 5Page - RFHIC AP209 Datasheet HTML 6Page - RFHIC AP209 Datasheet HTML 7Page - RFHIC AP209 Datasheet HTML 8Page - RFHIC AP209 Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M
MM
MIIC
C
A
AP
P2
20
09
9
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
Version 6.0
Product Features
Applications
• 50 ~ 3000MHz
• GaAs MMIC
• 43dBm Output IP3
• 13.7dB Gain
• 24dBm P1 dB
• Single +9V Supply
• SOT-89 SMT Package
• CDMA, W-CDMA Medium Power Amplifier
• High Linearity Drive Amplifier
Description
AP209 is a high linearity amplifier designed with GaAs MMIC in a low cost SOT-89 package.
It is designed for applications such as GSM, CDMA, W-CDMA drive devices which require high IP3.
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
MAX
Device Voltage
VDC
+12
RF Input Power(Continuous)
dBm
+10
Storage Temperature
℃
-40
+150
Operating Ranges
PARAMETER
UNIT
MIN
TYP
MAX
Operating Frequency
MHz
50
3000
Device Voltage
VDC
+9
+10
Case Temperature
℃
-40
+85
Electrical Specifications
(Ta=+25℃, VDD=+9V&+7V, Test Freq=900 MHz)
PARAMETER
Units
Min
Typ
Max
Typ
Gain (S21)
dB
12
13.7
13.3
Input Return Loss (S11)
dB
-21
-20
Output Return Loss (S22)
dB
-17
-17
Output 3rd Order Intercept Point (OIP3)
dBm
39
44
42
Output 1dB compression Point (P1dB)
dBm
24
23
Noise Figure
dB
2.5
2.5
DC Operating Current
mA
90
120
140
117
Supply Voltage
Vdc
+9V
+7V
Thermal Resistance (Rth)
℃
/W
40
OIP3 is measured with two tones, at an output power of +10dBm/tone separated by 1MHz.
Package Type: SOT-89


Similar Part No. - AP209

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP209 RFHIC-AP209_14 Datasheet
248Kb / 11P
High Linearity Drive Amplifier
More results

Similar Description - AP209

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
MMIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
MMIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
MMIC
SMA3109 ONSEMI-SMA3109 Datasheet
381Kb / 5P
MMIC
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com