Electronic Components Datasheet Search
  English  ▼

X  

CP361 Datasheet(PDF) 2 Page - RFHIC

Part # CP361
Description  Directional Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CP361 Datasheet(HTML) 2 Page - RFHIC

  CP361 Datasheet HTML 1Page - RFHIC CP361 Datasheet HTML 2Page - RFHIC CP361 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D
Diir
re
ec
cttiio
on
na
all
C
Co
ou
up
plle
er
r
C
CP
P3
36
61
1
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
Typical Performance Data at 25℃ (SOT23-6L Package)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
4.0
-8
-6
-4
-2
-10
0
Frequency(GHz)
Insertion Loss vs. Frequency
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
4.0
-40
-30
-20
-10
-50
0
Frequency(GHz)
Output Return Loss vs. Frequency
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
4.0
-24
-18
-12
-6
-30
0
Frequency(GHz)
Coupling Port Return Loss vs. Frequency
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
4.0
-40
-30
-20
-10
-50
0
Frequency(GHz)
Input Return Loss vs. Frequency
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
4.0
-40
-30
-20
-10
-50
0
Frequency(GHz)
Coupling vs. Frequency
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
4.0
-40
-30
-20
-10
-50
0
Frequency(GHz)
Isolation vs. Frequency



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com