Electronic Components Datasheet Search
  English  ▼

X  

MD2193 Datasheet(PDF) 2 Page - RFHIC

Part # MD2193
Description  Active Down Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

MD2193 Datasheet(HTML) 2 Page - RFHIC

  MD2193 Datasheet HTML 1Page - RFHIC MD2193 Datasheet HTML 2Page - RFHIC MD2193 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
Ac
cttiiv
ve
e D
Do
ow
wn
n
M
Miix
xe
er
r
M
MD
D2
21
19
93
3
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.02
]
Test Condition: RF = 1900~2200MHz@-10dBm, LO = 1830~2130MHz@2dBm, IF = 70MHz (Typ.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com