Electronic Components Datasheet Search
  English  ▼

X  

TP120675O Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # TP120675O
Description  CHIP TERMINATOR NETWORK - PECL, Fixed, & Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TP120675O Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  TP120675O Datasheet HTML 1Page - American Accurate Components, Inc. TP120675O Datasheet HTML 2Page - American Accurate Components, Inc. TP120675O Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
American Accurate Components, Inc.
CHIP TERMINATOR NETWORK – PECL, Fixed, & Power
The content of this specification may change without notification 11/18/05
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER
T
X
1206
50
F
M
Packaging
M = tape/reel 5,000 pcs
O = tape/reel 1,000 pcs
Tolerance (%)
F= +1%
Blank for TF or TP Series
Impedance
50
Ω or 75Ω
Size (SMT)
or Max W (Lead Wire)
1206
05
30
1612
12
80
1612A
Type
F = Fixed Chip Terminator
P = High Power Terminator
X = PECL Chip Terminator
Series
Chip Terminator Network
PECL Chip Terminator
ELECTRICAL CHARACTERISTICS
Series
TX1206
Size
1206
Typical Resistance Value
R1:50
Ω, R2:46.4 Ω, R3:50 Ω
Resistance Tolerance
±1.0 %
TCR
±50ppm/℃
Power Rating per Element
42mW
Power Rating per Package
125mW
Max Rated Operating Temp
70℃
Operating Temperature
-55℃ ~ +125℃
Storage Temperature
-55℃ ~ +125℃
MECHANICAL DIAGRAM
PECL Chip Terminator
This surface mount chip resistor network
is for termination of Positive Emitter
Coupled Logic (PECL) circuits
EMI/RFI attenuation
Reduced board space
Better tracking of electrical parameters
Fixed Chip Terminator
Exhibits high frequency characteristics
The surface mount package is ideal for
low noise, and parasitic capacitance
applications
The thin film metallization also offer very
stable characteristics over temperature
and time
High-Precision, high-frequency chip
resistors
Power Chip Terminator
The high power thin film terminators
exhibit excellent high frequency
characteristics
Installing on heat sink will allow for
operation with her power ratings
From 1W to 80W power rating


Similar Part No. - TP120675O

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP120 FENGJUI-TP120 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
logo
Belden Inc.
TP12018W BELDEN-TP12018W Datasheet
139Kb / 2P
Inst, 1 Pr #12 Str TC, XLPE Ins E1, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
04-14-2023
logo
FENGJUI TECHNOLOGY CO.,...
TP120B FENGJUI-TP120B Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TP120675O

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CTXS03T KOA-CTXS03T Datasheet
75Kb / 1P
PECL clock terminator networks
DNAS03T KOA-DNAS03T Datasheet
102Kb / 2P
diode terminator network
DNAG20TTEB KOA-DNAG20TTEB Datasheet
211Kb / 2P
diode terminator network
logo
Level One
FCS-1131 LVL1-FCS-1131 Datasheet
529Kb / 5P
Fixed Network Camera
FCS-1152 LVL1-FCS-1152 Datasheet
540Kb / 4P
Fixed Network Camera
FCS-1153 LVL1-FCS-1153 Datasheet
519Kb / 4P
Fixed Network Camera
FCS-5053 LVL1-FCS-5053 Datasheet
683Kb / 4P
Fixed Network Camera
FCS-5054 LVL1-FCS-5054 Datasheet
511Kb / 4P
Fixed Network Camera
FCS-5063 LVL1-FCS-5063 Datasheet
675Kb / 4P
Fixed Network Camera
FCS-5064 LVL1-FCS-5064 Datasheet
718Kb / 4P
Fixed Network Camera
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com