Electronic Components Datasheet Search
  English  ▼

X  

AP2101 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2101
Description  2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2101 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2101 Datasheet HTML 1Page - Diodes Incorporated AP2101 Datasheet HTML 2Page - Diodes Incorporated AP2101 Datasheet HTML 3Page - Diodes Incorporated AP2101 Datasheet HTML 4Page - Diodes Incorporated AP2101 Datasheet HTML 5Page - Diodes Incorporated AP2101 Datasheet HTML 6Page - Diodes Incorporated AP2101 Datasheet HTML 7Page - Diodes Incorporated AP2101 Datasheet HTML 8Page - Diodes Incorporated AP2101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP2101/AP2111
2A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2101/AP2111 Rev. 1
4 of 14
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25°C, VIN = +5.0V, unless otherwise stated)
Symbol
Parameter
Test Conditions (Note 4)
Min
Typ.
Max
Unit
VUVLO
Input UVLO
Rload=1kΩ
1.6
1.9
2.5
V
ISHDN
Input Shutdown Current
Disabled, IOUT= 0
0.5
1
μA
IQ
Input Quiescent Current
Enabled, IOUT= 0
45
70
μA
ILEAK
Input Leakage Current
Disabled, OUT grounded
1
μA
IREV
Reverse Leakage Current
Disabled, VIN= 0V, VOUT= 5V, IREV at VIN
0.05
μA
RDS(ON)
Switch on-resistance
VIN = 5V, IOUT= 1.5A
TA = 25°C
MSOP8-EP
90
115
m
Ω
SOP-8L
95
115
-40
°C ≤ T
A ≤ 85°C
140
VIN = 3.3V, IOUT= 1.5A TA = 25°C
115
140
-40
°C ≤ T
A ≤ 85°C
170
ILIMIT
Over-Load Current Limit
VIN= 5V, VOUT= 4.5V, CL=120μF
2.1
2.45
2.8
A
ITrig
Current limiting trigger
threshold
Output Current Slew rate (<100A/s) , CL=100μF
2.5
A
ISHORT
Short-Circuit Current Limit
Enabled into short circuit, CL=100μF
2.5
A
TSHORT
Short-circuit Response Time
VOUT = 0V to IOUT = ILIMIT (short applied to output)
5
μs
VIL
EN Input Logic Low Voltage
VIN = 2.7V to 5.5V
0.8
V
VIH
EN Input Logic High Voltage
VIN = 2.7V to 5.5V
2
V
ISINK
EN Input leakage
VEN = 5V
1
μA
TD(ON)
Output turn-on delay time
CL=1μF, Rload=10Ω
50
μs
TR
Output turn-on rise time
CL=1μF, Rload=10Ω
0.6
1.5
ms
TD(OFF)
Output turn-off delay time
CL=1μF, Rload=10Ω
4
μs
TF
Output turn-off fall time
CL=1μF, Rload=10Ω
0.03
0.1
ms
RFLG
FLG output FET on-resistance IFLG =10mA, CL=100μF
20
40
Ω
TBlank
FLG blanking time
CIN=10μF, CL=100μF
4
7
15
ms
RDIS
Discharge resistance (Note 5) VIN = 5V, disabled, IOUT= 1mA
290
Ω
TSHDN
Thermal Shutdown Threshold Enabled, Rload=1kΩ
140
°C
THYS
Thermal Shutdown Hysteresis
25
°C
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 6)
110
°C/W
MSOP-8L-EP (Note 7)
60
°C/W
Notes:
4. Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
5. The discharge function is active when the device is disabled (when enable is de-asserted). The discharge function offers a resistive discharge
path for the external storage capacitor. This is suitable only to discharge filter capacitors for limited time and cannot dissipate steady state
currents greater than 8mA.
6. Test condition for SOP-8L: Device mounted on FR-4, 2oz copper, with minimum recommended pad layout.
7. Test condition for MSOP-8L-EP: Device mounted on 2” x 2” FR-4 substrate PC board, 2oz copper, with minimum recommended pad on top
layer and thermal vias to bottom layer ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com