Electronic Components Datasheet Search
  English  ▼

X  

CS8406 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8406
Description  192 kHz Digital Audio Interface Transmitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8406_09 Datasheet HTML 28Page - Cirrus Logic CS8406_09 Datasheet HTML 29Page - Cirrus Logic CS8406_09 Datasheet HTML 30Page - Cirrus Logic CS8406_09 Datasheet HTML 31Page - Cirrus Logic CS8406_09 Datasheet HTML 32Page - Cirrus Logic CS8406_09 Datasheet HTML 33Page - Cirrus Logic CS8406_09 Datasheet HTML 34Page - Cirrus Logic CS8406_09 Datasheet HTML 35Page - Cirrus Logic CS8406_09 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32
DS580F5
CS8406
TEST
2
7
8
Test Pins (Input) - These pins are unused inputs. It is recommended that these pins be tied to a supply
(VL or GND) to minimize leakage current. The CS8406 will operate correctly if these pins are left float-
ing, however current consumption from VL will increase by 25
μA per TEST pin that is left floating.
Thermal Pad
-
Thermal Pad (QFN package only) - Thermal relief pad for optimized heat dissipation. This pad must be
electrically connected to GND. See“Power Supply, Grounding, and PCB layout” on page 33 for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com