Electronic Components Datasheet Search
  English  ▼

X  

CDB8416 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CDB8416
Description  192 kHz Digital Audio Interface Transmitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8416 Datasheet(HTML) 2 Page - Cirrus Logic

  CDB8416 Datasheet HTML 1Page - Cirrus Logic CDB8416 Datasheet HTML 2Page - Cirrus Logic CDB8416 Datasheet HTML 3Page - Cirrus Logic CDB8416 Datasheet HTML 4Page - Cirrus Logic CDB8416 Datasheet HTML 5Page - Cirrus Logic CDB8416 Datasheet HTML 6Page - Cirrus Logic CDB8416 Datasheet HTML 7Page - Cirrus Logic CDB8416 Datasheet HTML 8Page - Cirrus Logic CDB8416 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
DS580F5
CS8406
TABLE OF CONTENTS
1. CHARACTERISTICS AND SPECIFICATIONS ..................................................................................... 4
SPECIFIED OPERATING CONDITIONS .............................................................................................. 4
ABSOLUTE MAXIMUM RATINGS ........................................................................................................4
DC ELECTRICAL CHARACTERISTICS ............................................................................................... 4
DIGITAL INPUT CHARACTERISTICS .................................................................................................. 5
DIGITAL INTERFACE SPECIFICATIONS ............................................................................................ 5
TRANSMITTER CHARACTERISTICS .................................................................................................. 5
SWITCHING CHARACTERISTICS .......................................................................................................5
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORTS ............................................................. 6
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MODE................................................... 7
SWITCHING CHARACTERISTICS - CONTROL PORT - I²C MODE.................................................... 8
2. TYPICAL CONNECTION DIAGRAMS .................................................................................................. 9
3. GENERAL DESCRIPTION .................................................................................................................. 11
3.1 AES3 and S/PDIF Standards Documents .................................................................................... 11
4. THREE-WIRE SERIAL INPUT AUDIO PORT ..................................................................................... 12
5. AES3 TRANSMITTER ......................................................................................................................... 13
5.1 TXN and TXP Drivers ................................................................................................................... 13
5.2 Mono Mode Operation .................................................................................................................. 13
5.3 Transmitted Frame and Channel Status Boundary Timing ........................................................... 13
6. CONTROL PORT DESCRIPTION ....................................................................................................... 16
6.1 SPI Mode ...................................................................................................................................... 16
6.2 I²C Mode ....................................................................................................................................... 17
7. CONTROL PORT REGISTER SUMMARY ......................................................................................... 18
8. CONTROL PORT REGISTER BIT DEFINITIONS .............................................................................. 19
8.1 Memory Address Pointer (MAP) ................................................................................................... 19
8.2 Default = ‘000000’Control 1 (01h) ................................................................................................. 19
8.3 Control 2 (02h) .............................................................................................................................. 19
8.4 Data Flow Control (03h) ............................................................................................................... 20
8.5 Clock Source Control (04h) .......................................................................................................... 20
8.6 Serial Audio Input Port Data Format (05h) ................................................................................... 21
8.7 Interrupt 1 Status (07h) (Read Only) ............................................................................................ 22
8.8 Interrupt 2 Status (08h) (Read Only) ............................................................................................ 22
8.9 Interrupt 1 Mask (09h) .................................................................................................................. 22
8.10 Interrupt 1 Mode MSB (0Ah) and Interrupt 1 Mode LSB (0Bh) ................................................... 23
8.11 Interrupt 2 Mask (0Ch) ................................................................................................................ 23
8.12 Interrupt 2 Mode MSB (0Dh) and Interrupt Mode 2 LSB (0Eh) .................................................. 23
8.13 Channel Status Data Buffer Control (12h) ..................................................................................23
8.14 User Data Buffer Control (13h) ................................................................................................... 24
8.15 Channel Status Bit or User Bit Data Buffer (20h - 37h) .............................................................. 24
8.16 CS8406 I.D. and Version Register (7Fh) (Read Only) ................................................................ 24
9. PIN DESCRIPTION - SOFTWARE MODE
........................................................................................ 25
10. HARDWARE MODE .......................................................................................................................... 28
10.1 Channel Status, User and Validity Data ..................................................................................... 28
10.2 Serial Audio Port ......................................................................................................................... 29
11. PIN DESCRIPTION - HARDWARE MODE
..................................................................................... 30
12. APPLICATIONS ................................................................................................................................ 33
12.1 Reset, Power Down and Start-Up .............................................................................................. 33
12.2 ID Code and Revision Code ....................................................................................................... 33
12.3 Power Supply, Grounding, and PCB layout ................................................................................ 33
12.4 Synchronization of Multiple CS8406s ......................................................................................... 33
13. PACKAGE DIMENSIONS ................................................................................................................ 34
14. ORDERING INFORMATION ............................................................................................................. 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com