Electronic Components Datasheet Search
  English  ▼

X  

AE308 Datasheet(PDF) 2 Page - RFHIC

Part # AE308
Description  E-pHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE308 Datasheet(HTML) 2 Page - RFHIC

  AE308 Datasheet HTML 1Page - RFHIC AE308 Datasheet HTML 2Page - RFHIC AE308 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E
E--p
pH
HE
EM
MT
T
A
AE
E3
30
08
8
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.3
Typical RF Performance at 25℃
APPLICATION (50MHz~1GHz)
Units
MHz
50
450
1000
dB
22
22
22
dB
-15
-15
-15
dB
-15
-15
-15
dBm
29
30
28
dBm
19
19
17
dBc
45
42
54
dB
1.3
1.5
2
dBc
dBc
dBc
V
mA
5
40~70
Typical
Supply Voltage
CSO
CTB
XMD
-58
-64
-67
S21-Gain
Parameter
Frequency
Current
S11-Input Return Loss
Noise Figure
S22-Output Return Loss
OIP3
P1dB
OIP2
(1) 135channels,+16dBmV/ch,Single
Single – Ended CATV 75Ω Evaluation Circuit
: (50MHz ~1GHz)
R8
150 ohm
C4
1.8pF
RF IN
C9 4.7uF/16V
C8
10nF
R2
160 ohm
C6
1.8pF
R4
10 ohm
C5
1.8pF
L1
560nH
AE308
L6
6.8nH
R6
1.5k ohm
+5V
L2
560nH
C2
10nF
L4
27nH
RF
R1
18 ohm
L5
12nH
C7 10nF
R5
18 ohm
L3
10nH
R3
1k ohm
R7
1.5k ohm
C1
10nF
C3
10nF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com