Electronic Components Datasheet Search
  English  ▼

X  

SF8700B Datasheet(PDF) 2 Page - RFHIC

Part # SF8700B
Description  Switch Filter for Tuner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

SF8700B Datasheet(HTML) 2 Page - RFHIC

  SF8700B Datasheet HTML 1Page - RFHIC SF8700B Datasheet HTML 2Page - RFHIC SF8700B Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S
Sw
wiittc
ch
h F
Fiilltte
er
r ffo
or
r T
Tu
un
ne
er
r
S
SF
F8
87
70
00
0B
B
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.1
Functional Diagram
A-E. LPF : BW (~270MHz)
B-F. BPF : BW (270~470MHz)
C-G. HPF : BW (470MHz~)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com