Electronic Components Datasheet Search
  English  ▼

X  

ZD6090 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # ZD6090
Description  Broadband Voltage Controlled Oscillators 4 to 18GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

ZD6090 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  ZD6090 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Broadband Voltage Controlled Oscillators 4 to 18GHz
The content of this specification may change without notification 10/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Oscillators
Coaxial
Broadband
Voltage
Controlled
Oscillators
4
to
18GHz
P/N
Freq. Range
(GHz)
Tuning
Voltage
(V)
Power
Supply
(V/mA)
Phase Noise
@100KHz
(dBc/Hz)
Harmonics
(dBc)
Spurious
(dBc)
Operating
Temperature
(
OC)
Storage
Temperature
(
OC)
Power
Output
(dBm)
Power Output
Flatness
(dBm)
Settling
Time
(µS)
Case
ZD4060
4 - 6
0 - +18
+15/200
-85
<-12
-60
-55 - +85
-60 - +90
10
±2
1
V2
ZD4080
4 - 8
0 - +20
+15/200
-85
<-12
-60
-55 - +85
-60 - +90
10
±2.5
1
V2
ZD6080
6 - 8
0 - +18
+15/200
-85
<-12
-60
-55 - +85
-60 - +90
10
±2
1
V2
ZD6090
6 - 9
0 - +20
+15/200
-85
<-12
-60
-55 - +85
-60 - +90
10
±2
1
V2
ZD7090
7 - 9
0 - +18
+15/200
-85
<-12
-60
-55 - +85
-60 - +90
10
±2
1
V2
ZD80100
8 - 10
0 - +18
+15/200
-70
<-15
-60
-55 - +85
-60 - +90
10
±2
1
V2,V3
ZD80120
8 - 12
0 - +25
+15/300
-70
<-15
-60
-55 - +70
-60 - +90
10
±2.5
1
V2,V3
(3/2 f0 )-15
ZS80120
8 - 12
0 - -12
+15/500
-85
-60
-55 - +70
-60 - +90
10
±2.5
1
V4
( 2 f0) -15
ZD100120
10 - 12
0 - +18
+15/200
-70
<-20
-60
-55 - +70
-60 - +90
10
±2
1
V2,V3
ZD120150
12 - 15
0 - +20
+15/200
-70
<-20
-60
-55 - +70
-60 - +90
10
±2
1
V2,V3,
ZD120180
12 - 18
0 - +25
+15/300
-70
<-20
-60
-55 - +70
-60 - +90
10
±2.5
1
V2,V3
ZS120180
12 - 18
0 - -12
+15/500
-85
3/2 f0 -15
-60
-55 - +70
-60 - +90
10
±2.5
1
V
ZD150180
15 - 18
0 - +20
+15/200
-70
<-20
-60
-55 - +70
-60 - +90
10
±2
1
V2,V3


Similar Part No. - ZD6090

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
ZD6090 AAC-ZD6090 Datasheet
85Kb / 1P
Broadband Voltage Controlled Oscillators 2 to 18GHz
More results

Similar Description - ZD6090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
Broadband Isolating Amplifiers 0.5 to 18GHz
JXWBVCO-D-4-8 AAC-JXWBVCO-D-4-8 Datasheet
142Kb / 2P
Voltage Controlled Oscillators 4 to 2500MHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
Broadband Limiting Amplifiers 0.5 to 18GHz
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
Broadband Voltage Controlled Oscillators 2 to 18GHz
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com