Electronic Components Datasheet Search
  English  ▼

X  

AD5542ABCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD5542ABCPZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5542ABCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5542ABCPZ Datasheet HTML 13Page - Analog Devices AD5542ABCPZ Datasheet HTML 14Page - Analog Devices AD5542ABCPZ Datasheet HTML 15Page - Analog Devices AD5542ABCPZ Datasheet HTML 16Page - Analog Devices AD5542ABCPZ Datasheet HTML 17Page - Analog Devices AD5542ABCPZ Datasheet HTML 18Page - Analog Devices AD5542ABCPZ Datasheet HTML 19Page - Analog Devices AD5542ABCPZ Datasheet HTML 20Page - Analog Devices AD5542ABCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Preliminary Technical Data
AD5541A/AD5542A/AD5512AA
Rev. P
rA | Page 17 of 24
APPLICATIONS INFORMATION
OPTOCOUPLER INTERFACE
The digital inputs of the AD5541A/AD5542A/AD5512A are
Schmitt-triggered so that they can accept slow transitions on the
digital input lines. This makes these parts ideal for industrial
applications where it may be necessary to isolate the DAC from
the controller via optocouplers. Figure 37 illustrates such an
interface.
10kΩ
10µF
0.1µF
VDD
VOUT
VDD
SCLK
POWER
10kΩ
VDD
CS
CS
DIN
GND
SCLK
10kΩ
VDD
DIN
5V
REGULATOR
AD5541/AD5542
Figure 37. AD5541/AD5542 in an Optocoupler Interface
DECODING MULTIPLE AD5541/AD5542s
The CS pin of the AD5541/AD5542 can be used to select one of
a number of DACs. All devices receive the same serial clock and
serial data, but only one device receives the CS signal at any one
time. The DAC addressed is determined by the decoder. There is
some digital feedthrough from the digital input lines. Using a
burst clock minimizes the effects of digital feedthrough on the
analog signal channels. Figure 38 shows a typical circuit.
AD5541/AD5542
CS
DIN
SCLK
VOUT
AD5541/AD5542
CS
DIN
SCLK
VOUT
AD5541/AD5542
CS
DIN
SCLK
VOUT
AD5541/AD5542
CS
DIN
SCLK
VOUT
VDD
DGND
EN
CODED
ADDRESS
SCLK
DIN
ENABLE
DECODER
Figure 38. Addressing Multiple AD5541/AD5542s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com