Electronic Components Datasheet Search
  English  ▼

X  

2N2218A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N2218A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2218A Datasheet(HTML) 2 Page - Comset Semiconductor

  2N2218A Datasheet HTML 1Page - Comset Semiconductor 2N2218A Datasheet HTML 2Page - Comset Semiconductor 2N2218A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N2218A – 2N2219A
COMSET SEMICONDUCTORS
3/
3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
2N2218A
ICBO
Collector Cutoff Current
VCB=60 V, IE=0
2N2219A
-
-
10
nA
2N2218A
ICBO
Collector Cutoff Current
VCB=60 V, IE=0, Tj=150°C
2N2219A
-
-
10
µA
2N2218A
IEBO
Emitter Cutoff Current
VBE=3.0 V, IC=0
2N2219A
-
-
10
nA
2N2218A
ICEX
Collector Cutoff Current
VCE=60 V, -VBE=3V
2N2219A
-
-
10
nA
2N2218A
VCEO (1)
Collector Emitter Breakdown
Voltage
IC=10 mA, IB=0
2N2219A
40
-
-
V
2N2218A
VCBO
Collector Base Breakdown
Voltage
IC=10 µA, IE=0
2N2219A
75
-
-
V
2N2218A
VEBO
Emitter Base Breakdown
Voltage
IE=10 µA, IC=0
2N2219A
6
-
-
V
2N2218A
20
-
-
IC=0.1 mA, VCE=10 V
2N2219A
35
-
-
2N2218A
25
-
-
IC=1 mA, VCE=10 V
2N2219A
50
-
-
2N2218A
35
-
-
IC=10 mA, VCE=10 V
2N2219A
75
-
-
2N2218A
15
-
-
IC=10 mA, VCE=10 V
Tamb = -55°
2N2219A
35
-
-
2N2218A
20
-
-
IC=150 mA, VCE=1 V
2N2219A
50
-
-
2N2218A
40
-
120
IC=150 mA, VCE=10 V
2N2219A
100
-
300
2N2218A
25
-
-
hFE (1)
DC Current Gain
IC=500 mA, VCE=10 V
2N2219A
40
-
-
-
2N2218A
IC=150 mA, IB=15 mA
2N2219A
-
-
0.3
2N2218A
VCE(SAT)
Collector-Emitter saturation
Voltage (1)
IC=500 mA, IB=50 mA
2N2219A
-
-
1
2N2218A
IC=150 mA, IB=15 mA
2N2219A
-
-
1.2
2N2218A
VBE(SAT)
Base-Emitter saturation
Voltage (1)
IC=500 mA, IB=50 mA
2N2219A
-
-
2
V
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
2N2218A
250
-
-
fT
Transition frequency
IC=20 mA, VCE=20 V
f= 100MHz
2N2219A
300
-
-
MHz
2N2218A
30
-
150
IC=1 mA, VCE=10 V
f= 1kHz
2N2219A
50
-
300
-
2N2218A
50
-
300
hfe
Small signal current gain
IC=10 mA, VCE=10 V
f= 1kHz
2N2219A
75
-
375



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com