Electronic Components Datasheet Search
  English  ▼

X  

2N2907A Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N2907A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2907A Datasheet(HTML) 3 Page - Comset Semiconductor

  2N2907A Datasheet HTML 1Page - Comset Semiconductor 2N2907A Datasheet HTML 2Page - Comset Semiconductor 2N2907A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NPN 2N2222 – 2N2222A
PNP 2N2907 – 2N2907A
COMSET SEMICONDUCTORS
3
/3
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
td
Delay time
2N2222A
-
-
10
tr
Rise time
IC=150 mA ,IB =15 mA
-VBE=0.5 V
2N2222A
-
-
25
ns
2N2222A
CC
Collector capacitance
IE= Ie = 0 ,VCB=10 V
f = 100kHz
2N2222
-
-
8
pF
2N2222A
-
-
25
CE
Emitter capacitance
IC= Ic = 0 ,VEB=0.5 V
f = 100kHz
2N2222
-
-
-
pF
2N2222A
-
-
150
rb,CC
Feedback time constant
IC=20 mA, VCE=20 V
f= 31.8MHz
2N2222
-
-
-
ps
(1) Pulse conditions : tp < 300
µs, δ =2%
MECHANICAL DATA CASE TO-18
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.
DIMENSIONS
mm
inches
A
12,7
0,5
B
0,49
0,019
D
5,3
0,208
E
4,9
0,193
F
5,8
0,228
G
2,54
0,1
H
1,2
0,047
I
1,16
0,045
L
45°
45°
Pin 1 :
Emitter
Pin 2 :
Base
Pin 3 :
Collector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com