Electronic Components Datasheet Search
  English  ▼

X  

2N2646 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N2646
Description  SILICON UNIJUNCTION TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2646 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N2646 Datasheet HTML 1Page - Comset Semiconductor 2N2646 Datasheet HTML 2Page - Comset Semiconductor 2N2646 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N2646
2N2647
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Min.
Typ.
Max.
Unit
2N2646
0.56
-
0.75
η
Intrinsic stand-off ratio
VB2B1 = 10V
2N2647
0.68
-
0.82
-
RBBO
Interbase Resistance , VB2B1 = 3V
4.7
-
9.1
K
Ω
VEB1(sat)
Emitter Saturation Voltage
VB2B1 = 10V , IE = 50 mA
-
-
2.5
V
IB2(MOD)
Modulated Interbase Current
VB2B1 = 10V , IE = 50 mA
-
15
-
V
IEO
Emitter Revers Current
VB2E = 30 V , IB1 = 0
-
-
12
µA
V(BR)B1E
Base 1 Emitter breakdown Voltage
IE =100 µA
30
-
-
V
2N2646
4
-
-
IV
Valley Current , VB2B1 = 20 V
2N2647
8
-
-
mA
2N2646
-
-
5
IP
Peak Current , VB2B1 = 25 V
2N2647
-
-
2
µA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com