Electronic Components Datasheet Search
  English  ▼

X  

2N3055 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N3055
Description  POWER LINEAR AND SWITCHING APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3055 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N3055 Datasheet HTML 1Page - Comset Semiconductor 2N3055 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMSET SEMICONDUCTORS
2/2
2N3055
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (1)
IC=200 mAdc, IB=0
60
-
-
Vdc
BVCER
Collector-Emitter
Breakdown Voltage (1)
IC=200 mAdc, RBE=100Ω
70
-
-
Vdc
ICEO
Collector-Emitter Current
CVE=30 Vdc, IB=0
-
-
0.7
mAdc
VCE=100 Vdc, VEB(off)=1.5 Vdc
-
-
5.0
ICEX
Collector Cutoff Current
VCE=100 Vdc, VEB(off)=1.5 Vdc,
TC=150°C
30
mAdc
IEBO
Emitter Cutoff Current
VBE=7.0 Vdc, IC=0
-
-
5.0
mAdc
IC=4.0 Adc, VCE=4.0 Vdc
20
-
70
hFE
DC Current Gain
IC=10 Adc, VCE=4.0 Vdc
5.0
-
-
IC=4.0 Adc, IB=0.4Adc
-
-
1.1
VCE(SAT)
Collector-Emitter saturation
Voltage
IC=10 Adc, IB=3.3Adc
8.0
Vdc
VBE
Base-Emitter Voltage
IC=4.0 Adc, VCE=4.0 Vdc
-
1.8
-
Vdc
hfe
Small Signal Current Gain
VCE=4.0 Vdc, IC=1.0 Adc, f=1.0 kHz
15
-
120
-
fαe
Small Signal Current Gain
Cutoff Frequency
VCE=4.0 Vdc, IC+=1.0 Adc, f=1.0 kHz
10
-
-
kHz
Is/b
Second Breakdown
Collector Current
t=1 S (non repetitive), VCE=60 Vdc
1.95
-
-
A
In accordance with JEDEC Registration Data
(1) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
MECHANICAL CHARACTERISTICS CASE-TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com