Electronic Components Datasheet Search
  English  ▼

X  

2N3227 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N3227
Description  SILICON ANNULAR TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3227 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N3227 Datasheet HTML 1Page - Comset Semiconductor 2N3227 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMSET SEMICONDUCTORS
2/2
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
IC=10 mA, IB=1.0 mA
-
-
0.25
VCE(SAT)
Collector-Emitter saturation
Voltage (1)
IC=100 m A, IB=10 mA
-
-
0.45
V
IC=10 mA, IB=1.0 mA
-
-
0.85
VBE(SAT)
Base-Emitter saturation
Voltage (1)
IC=100 m A, IB=10 mA
-
-
1.4
V
VCE=1.0 V, IC=10 mA
100
-
300
VCE=1.0 V, IC=10 mA
TA =-55°c
40
-
-
hFE
DC Current Gain
VCE=1.0 V, IC=100 mA
30
-
-
-
hfe
Small Signal Current Gain
VCE=10 V, IC=10 mA , f=100MHz
5
-
-
-
tS
Storage time
IC = IB1 = IB2 =10 mA
-
-
13
Toff
Turn-off time
IC=10
A;IB1=
3
mA;IB2
=1.5
mA;VCc=3.0 V
-
-
18
ton
Turn-on time
IC=10 A;IB1= 3 mA; VCc=3.0 V ;
VEB(off) = 1.5 V
-
-
12
ns
Cob
Output Capacitance
VCB=5 V ; IE=0 , f=140kHz
-
-
4.0
pF
Cib
Input Capacitance
VBE=1 V ; IC=0 , f=140kHz
-
-
4.0
pF
NPN 2N3227
MECHANICAL DATA CASE TO-18
Pin 1 :
Emitter
Pin 2 :
Base
Case :
Collector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com