Electronic Components Datasheet Search
  English  ▼

X  

2N3583 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N3583
Description  NPN SILICON POWER TRANSISTORS.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3583 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N3583 Datasheet HTML 1Page - Comset Semiconductor 2N3583 Datasheet HTML 2Page - Comset Semiconductor 2N3583 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN 2N3583 – 2N3584 – 2N3585
COMSET SEMICONDUCTORS
1
High voltage power transistors designed for industrial and military applications.
TO-66 metal case.
Compliance to RoHS.
NPN SILICON POWER TRANSISTORS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N3583
250
2N3584
330
VCBO
Collector-Base Voltage (IE= 0)
2N3585
440
V
2N3583
175
2N3584
250
VCEO
Collector-Emitter Voltage (IB= 0)
2N3585
300
V
VEBO
Emitter-Base Voltage (IC= 0)
6
V
2N3583
1
2N3584
2
IC
Collector Current
2N3585
2
A
ICM
Peak Collector Current
tp = 10ms
5
A
IB
Base current
1
A
PT
Total power Dissipation
@ Tmb = 70°C
35
Watts
TJ
Junction Temperature
200
°C
TStg
Storage Temperature
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
5
RthJA
Thermal Resistance, Junction to ambient in free air
87.5
°C/W


Similar Part No. - 2N3583

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3583 MOSPEC-2N3583 Datasheet
217Kb / 4P
POWER TRANSISTORS(35W)
logo
Boca Semiconductor Corp...
2N3583 BOCA-2N3583 Datasheet
224Kb / 4P
COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Microsemi Corporation
2N3583 MICROSEMI-2N3583 Datasheet
63Kb / 3P
5 Amp, 250V, High Voltage NPN Silicon Power Transistors
logo
Central Semiconductor C...
2N3583 CENTRAL-2N3583 Datasheet
51Kb / 1P
Power Transistors
logo
Seme LAB
2N3583 SEME-LAB-2N3583 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66
More results

Similar Description - 2N3583

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com