Electronic Components Datasheet Search
  English  ▼

X  

2N3713 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N3713
Description  EPITAXIAL-BASE NPN - PNP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3713 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N3713 Datasheet HTML 1Page - Comset Semiconductor 2N3713 Datasheet HTML 2Page - Comset Semiconductor 2N3713 Datasheet HTML 3Page - Comset Semiconductor 2N3713 Datasheet HTML 4Page - Comset Semiconductor 2N3713 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMSET SEMICONDUCTORS
1/5
2N3713/2N3714/2N3715/2N3716 - NPN
2N3789/2N3790/2N3791/2N3792 - PNP
The 2N3713, 2N3714, 2N3715 and 2N3716 are silicon epitaxial-base NPN
power transistor in Jedec TO-3 metal case. They are inteded for use in power
linear and switching applications. The complementary PNP
types are 2N3789, 2N3790, 2N3791 and 2N3792 respectively.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N3789
2N3791
2N3713
2N3715
80
VCBO
Collector-BaseVoltage
IE = 0
2N3790
2N3792
2N3714
2N3716
100
V
2N3789
2N3791
2N3713
2N3715
60
VCEO
Collector-Emitter Voltage
IB = 0
2N3790
2N3792
2N3714
2N3716
80
V
VEBO
Emitter-Base Voltage
IC = 0
2N3789
2N3790
2N3791
2N3792
2N3713
2N3714
2N3715
2N3716
7.0
V
EPITAXIAL-BASE NPN - PNP


Similar Part No. - 2N3713

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3713 MOSPEC-2N3713 Datasheet
125Kb / 3P
POWER TRANSISTORS(10A,150W)
logo
Boca Semiconductor Corp...
2N3713 BOCA-2N3713 Datasheet
132Kb / 3P
SILICON NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3713 ETC-2N3713 Datasheet
347Kb / 8P
Power Transistors
logo
Seme LAB
2N3713 SEME-LAB-2N3713 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
New Jersey Semi-Conduct...
2N3713 NJSEMI-2N3713 Datasheet
140Kb / 2P
NPN SILICON POWER TRANSISTORS
More results

Similar Description - 2N3713

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
PNP SILICON TRANSISTORS, EPITAXIAL BASE
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX53 ETC-BDX53 Datasheet
810Kb / 5P
BASE NPN / PNP
logo
Comset Semiconductor
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
PNP SILICON TRANSISTORS, EPITAXIAL BASE
BDX18 COMSET-BDX18_12 Datasheet
79Kb / 3P
PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX18 NJSEMI-BDX18 Datasheet
85Kb / 2P
PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com