Electronic Components Datasheet Search
  English  ▼

X  

2N3585 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N3585
Description  NPN SILICON POWER TRANSISTORS.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3585 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N3585 Datasheet HTML 1Page - Comset Semiconductor 2N3585 Datasheet HTML 2Page - Comset Semiconductor 2N3585 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N3583 – 2N3584 – 2N3585
COMSET SEMICONDUCTORS
2
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
2N3583
-
-
10
2N3584
-
-
5
ICEO
Collector-Emitter cut-off
current
IB = 0 ; VCE = 150 V
2N3585
-
-
5
VBE = -1.5V ;
VCE = 225 V
2N3583
VBE = -1.5V ;
VCE = 340 V
2N3584
VBE = -1.5V ;
VCE = 450 V
2N3585
1
VBE = -1.5V ;
VCE = 225 V
Tj= 150°C
2N3583
2N3584
ICEX
Collector-Emitter cut-off
current
VBE = -1.5V ;
VCE = 300 V
Tj= 150°C
2N3585
-
-
3
2N3583
-
-
5
2N3584
-
-
0.5
IEBO
Emitter cut-offcurrent
IC = 0 ; VEB = 6 V
2N3585
-
-
0.5
mA
2N3583
175
-
-
2N3584
250
-
-
VCEO(SUS)
Collector-Emitter
sustaning Voltage (1)
IB = 0 ; IC = 200 mA
2N3585
300
-
-
V
2N3583
-
-
5
2N3584
-
-
0.75
VCE(SAT)
Collector-Emitter
saturation Voltage (1)
IC = 1 A ; IB = 125 mA
2N3585
-
-
0.75
2N3583
2N3584
VBE(SAT)
Base-Emitter saturation
Voltage (1)
IC = 1 A ; IB = 100 mA
2N3585
-
-
1.4
V
VCE = 10 V ; IC = 500 mA
2N3583
40
-
200
2N3583
10
-
-
2N3584
25
-
100
VCE = 10 V ; IC = 1 A
2N3585
25
-
100
2N3584
8
-
80
hFE
DC Current Gain (1)
VCE = 2 V ; IC = 1 A
2N3585
8
-
80
2N3583
2N3584
IS/B
Second Breakdown
Collector current
VCE = 100 V ; t = 1 s
2N3585
350
-
-
mA
2N3583
2N3584
fT
Transition frequency
VCE = 10 V ; IC = 200 mA
f = 5 MHz
2N3585
10
-
-
MHz
2N3584
td+tr
Turn-on-time
IC = 1 A ; IB = 100 mA
2N3585
-
-
3
2N3584
tf
Fall time
IC = 1 A ; IB = 100 mA
2N3585
-
-
3
2N3584
ts
Carrier storage time
IC = 1 A ; IB = 100 mA
2N3585
-
-
4
µs
1.
Measured under pulse conditions :tP <300µs, δ <2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com