Electronic Components Datasheet Search
  English  ▼

X  

2N4031 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N4031
Description  GENERAL PURPOSE AMPLIFIERS AND SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4031 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N4031 Datasheet HTML 1Page - Comset Semiconductor 2N4031 Datasheet HTML 2Page - Comset Semiconductor 2N4031 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PNP 2N4030 – 2N4031 – 2N4032 – 2N4033
COMSET SEMICONDUCTORS
3/3
Symbol
Ratings
Test Condition(s)
Min
Typ Mix Unit
2N4030
2N4031
100
-
400
2N4032
fT
Transition Frequency
-IC = 50 mA , -VCE = 10 V
f = 100 MHZ
2N4033
150
-
500
MHZ
CEBO
Emitter – base Capacitance
IC = 0 ; -VEB = 0.5 V
f = 1 MHZ
-
-
110
pF
CCBO
Collector – base
Capacitance
IE = 0 ; -VCB = 10V
f = 1 MHZ
-
-
20
pF
tS
Storage times
-IC =500 Ma ; -VCC = 30V
-IB1 = -IB1 = 50 mA
-
-
350
ns
tf
Fall times
-IC =500 Ma ; -VCC = 30V
-IB1 = -IB1 = 50 mA
-
-
50
ns
ton
Turn-on times
-IC =500 Ma ; -VCC = 30V
-IB1 = -IB1 = 50 mA
-
-
100
ns
(*) Pulsed : pulse duration = 300µs, duty cycle = 1%
MECHANICAL DATA CASE TO-39
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.
DIMENSIONS (mm)
min
typ
max
A
12.7
-
-
B
-
-
0.49
D
-
-
6.6
E
-
-
8.5
F
-
-
9.4
G
5.08
-
-
H
-
-
1.2
I
-
-
0.9
L
45°
-
-
Pin 1 :
Emitter
Pin 2 :
Base
Case :
Collector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com