Electronic Components Datasheet Search
  English  ▼

X  

2N4901 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N4901
Description  PNP SILICON TRANSISTORS, EPITAXIAL BASE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4901 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N4901 Datasheet HTML 1Page - Comset Semiconductor 2N4901 Datasheet HTML 2Page - Comset Semiconductor 2N4901 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N4901
-40
2N4902
-60
VCBO
Collector to Base Voltage
2N4903
-80
V
2N4901
-40
2N4902
-60
VCEO
#Collector-Emitter Voltage
2N4903
-80
V
2N4901
-40
2N4902
-60
VCER
Collector-Emitter Voltage
2N4903
-80
V
VEBO
Emitter-Base Voltage
2N4901
2N4902
2N4903
-5.0
V
2N4901
-40
2N4902
-60
VCEX
Collector-Base Voltage
VBE=1.5 V
2N4903
-80
V
IC
Collector Current – Continuous
2N4901
2N4902
2N4903
-5
A
ICM
Collector Current – Peak
tp=5 ms
2N4901
2N4902
2N4903
-10
A
IB
Base Current – Continuous
2N4901
2N4902
2N4903
-1
A
PTOT
Power Dissipation
2N4901
2N4902
2N4903
87.5
W
TJ
Junction Temperature
2N4901
2N4902
2N4903
200
°C
TSTG
Storage Temperature
2N4901
2N4902
2N4903
-65 to
+200
°C
P
PN
NP
P S
SIIL
LIIC
CO
ON
N T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S,,
E
EP
PIIT
TA
AX
XIIA
AL
L B
BA
AS
SE
E
LF Large signal power amplification
Switching medium current


Similar Part No. - 2N4901

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4901 MOSPEC-2N4901 Datasheet
171Kb / 4P
POWER TRANSISTORS(5.0A,87.5W)
logo
Boca Semiconductor Corp...
2N4901 BOCA-2N4901 Datasheet
175Kb / 4P
COMPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N4901 ETC-2N4901 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N4901 SAVANTIC-2N4901 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
logo
Seme LAB
2N4901 SEME-LAB-2N4901 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
More results

Similar Description - 2N4901

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BD242 MICRO-ELECTRONICS-BD242 Datasheet
98Kb / 2P
PNP SILICON EPITAXIAL BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
List of Unclassifed Man...
2N6246 ETC-2N6246 Datasheet
359Kb / 7P
SILICON PNP EPITAXIAL BASE HIGH POWER TRANSISTORS
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
PNP SILICON TRANSISTORS EPITAXIAL BASE
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
PNP SILICON TRANSISTORS, EPITAXIAL BASE
BDX18 COMSET-BDX18_12 Datasheet
79Kb / 3P
PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX20 COMSET-BDX20_12 Datasheet
75Kb / 3P
SILICON TRANSISTORS EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX18 NJSEMI-BDX18 Datasheet
85Kb / 2P
PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com