Electronic Components Datasheet Search
  English  ▼

X  

2N5671 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N5671
Description  HIGH CURRENT FAST SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N5671 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N5671 Datasheet HTML 1Page - Comset Semiconductor 2N5671 Datasheet HTML 2Page - Comset Semiconductor 2N5671 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMSET SEMICONDUCTORS
1/3
NPN 2N5671 – 2N5672
The 2N5671 and 2N5672 are silicon multiepitaxial planer NPN transistors in Jedec TO-3.
They are especially intended for high current, fast switching industrial applications.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N5671
90
VCEO
Collector-Emitter Voltage
2N5672
120
V
2N5671
120
VCBO
Collector-Base Voltage
2N5672
150
V
2N5671
VEBO
Emitter-Base Voltage
2N5672
7.0
V
2N5671
120
VCEX
Collector-Emitter Voltage
VEB = -1.5V, REB = 50 Ω
2N5672
150
V
2N5671
110
VCER
Collector-Emitter Voltage
REB <= 50 Ω
2N5672
140
V
2N5671
IC
Collector Current
2N5672
30
A
2N5671
IB
Base Current
2N5672
10
A
2N5671
PD
Total Device Dissipation
@ TC = 25°
2N5672
140
Watts
2N5671
TJ
Junction Temperature
2N5672
200
°C
2N5671
TStg
Storage Temperature
2N5672
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
2N5671
RthJC
Thermal Resistance, Junction to Case
2N5672
1.25
°C/W
H
HIIG
GH
H C
CU
UR
RR
RE
EN
NT
T F
FA
AS
ST
T S
SW
WIIT
TC
CH
HIIN
NG
G A
AP
PP
PL
LIIC
CA
AT
TIIO
ON
NS
S


Similar Part No. - 2N5671

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5671 MOSPEC-2N5671 Datasheet
125Kb / 3P
POWER TRANSISTORS(30A,140W)
logo
Microsemi Corporation
2N5671 MICROSEMI-2N5671 Datasheet
54Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
logo
Savantic, Inc.
2N5671 SAVANTIC-2N5671 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Seme LAB
2N5671 SEME-LAB-2N5671 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
2N5671 ISC-2N5671 Datasheet
132Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N5671

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
High Power Switching Applications Fast Switching Applications
GT20J321 TOSHIBA-GT20J321 Datasheet
329Kb / 7P
High Power Switching Applications Fast Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Comset Semiconductor
2N5671 COMSET-2N5671_12 Datasheet
128Kb / 4P
HIGH CURRENT FAST SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
High Power Switching Applications Fast Switching Applications
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com